データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F2610E/SPQTP データシート(PDF) 207 Page - Microchip Technology

部品番号 PIC18F2610E/SPQTP
部品情報  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610E/SPQTP データシート(HTML) 207 Page - Microchip Technology

Back Button PIC18F2610E/SPQTP Datasheet HTML 203Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 204Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 205Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 206Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 207Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 208Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 209Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 210Page - Microchip Technology PIC18F2610E/SPQTP Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 209
PIC18F2X1X/4X1X
FIGURE 17-12:
SYNCHRONOUS TRANSMISSION (THROUGH TXEN)
TABLE 17-7:
REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION
RC7/RX/DT pin
RC6/TX/CK pin
Write to
TXREG reg
TXIF bit
TRMT bit
bit 0
bit 1
bit 2
bit 6
bit 7
TXEN bit
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
54
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
54
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
54
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
53
TXREG
EUSART Transmit Register
53
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
53
BAUDCON
ABDOVF
RCIDL
—SCKP
BRG16
—
WUE
ABDEN
53
SPBRGH
EUSART Baud Rate Generator Register, High Byte
53
SPBRG
EUSART Baud Rate Generator Register, Low Byte
53
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission.
Note 1: These bits are unimplemented on 28-pin devices and read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More