| データシートサーチシステム |
|
STM32L152CB データシート(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152CB データシート(HTML) 101 Page - STMicroelectronics |
|
101 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 101/121 6.3.20 LCD controller (STM32L152xx only) The STM32L152xx embeds a built-in step-up converter to provide a constant LCD reference voltage independently from the VDD voltage. An external capacitor Cext must be connected to the VLCD pin to decouple this converter. Table 61. LCD controller characteristics Symbol Parameter Min Typ Max Unit VLCD LCD external voltage 3.6 V VLCD0 LCD internal reference voltage 0 2.6 VLCD1 LCD internal reference voltage 1 2.73 VLCD2 LCD internal reference voltage 2 2.86 VLCD3 LCD internal reference voltage 3 2.98 VLCD4 LCD internal reference voltage 4 3.12 VLCD5 LCD internal reference voltage 5 3.26 VLCD6 LCD internal reference voltage 6 3.4 VLCD7 LCD internal reference voltage 7 3.55 Cext VLCD external capacitance 0.1 2 µF ILCD (1) 1. LCD enabled with 3 V internal step-up active, 1/8 duty, 1/4 bias, division ratio= 64, all pixels active, no LCD connected Supply current at VDD = 2.2 V 3.3 µA Supply current at VDD = 3.0 V 3.1 RHtot (2) 2. Guaranteed by design, not tested in production. Low drive resistive network overall value 5.28 6.6 7.92 M Ω RL (2) High drive resistive network total value 192 240 288 k Ω V44 Segment/Common highest level voltage VLCD V V34 Segment/Common 3/4 level voltage 3/4 VLCD V V23 Segment/Common 2/3 level voltage 2/3 VLCD V12 Segment/Common 1/2 level voltage 1/2 VLCD V13 Segment/Common 1/3 level voltage 1/3 VLCD V14 Segment/Common 1/4 level voltage 1/4 VLCD V0 Segment/Common lowest level voltage 0 ΔVxx(3) 3. Based on characterization, not tested in production. Segment/Common level voltage error TA = -40 to 85 °C ± 50 mV |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |