データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBT3906E6327 データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 SMBT3906E6327
部品情報  PNP Silicon Switching Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906E6327 データシート(HTML) 1 Page - Infineon Technologies AG

  SMBT3906E6327 Datasheet HTML 1Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 2Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 3Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 4Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 5Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 6Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 7Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 8Page - Infineon Technologies AG SMBT3906E6327 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2012-08-21
1
SMBT3906...MMBT3906
PNP Silicon Switching Transistors
• High DC current gain: 0.1 mA to 100 mA
• Low collector-emitter saturation voltage
• For SMBT3906S and SMBT3906U:
Two (galvanic) internal isolated transistor
with good matching in one package
• Complementary types:
SMBT3904...MMBT3904 (NPN)
• SMBT3906S/ U: for orientation in reel
see package information below
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
SMBT3906/ MMBT3906
SMBT3906S
SMBT3906U
s2A
s2A
s2A
1=B
1=E1
1=E1
2=E
2=B1
2=B1
3=C
3=C2
3=C2
-
4=E2
4=E2
-
5=B2
5=B2
-
6=C1
6=C1
SOT23
SOT363
SC74
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
40
V
Collector-base voltage
VCBO
40
Emitter-base voltage
VEBO
6
Collector current
IC
200
mA
Total power dissipation-
TS ≤ 71°C, SOT23, MMBT3906
TS ≤ 115°C, SOT363, MMBT3906S
TS ≤ 107°C, SC74, MMBT3906U
Ptot
330
250
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150


同様の部品番号 - SMBT3906E6327

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SMBT3906 INFINEON-SMBT3906 Datasheet
110Kb / 7P
PNP Silicon Switching Transistor
Jul-28-2003
SMBT3906 INFINEON-SMBT3906 Datasheet
888Kb / 13P
High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
logo
ON Semiconductor
SMBT3906DW1 ONSEMI-SMBT3906DW1 Datasheet
132Kb / 6P
Dual General Purpose Transistor
July, 2013 ??Rev. 5
SMBT3906DW1T1G ONSEMI-SMBT3906DW1T1G Datasheet
132Kb / 6P
Dual General Purpose Transistor
July, 2013 ??Rev. 5
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
PNP Silicon Switching Transistor Array
More results

同様の説明 - SMBT3906E6327

メーカー部品番号データシート部品情報
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Siemens Semiconductor G...
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
PNP Silicon Switching Transistors
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
PNP Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
SWITCHING TRANSISTORS (PNP SILICON)
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
PNP Silicon Switching Transistors
Nov-30-2001
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
PNP Silicon Switching Transistors
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com