データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PN3643 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 PN3643
部品情報  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN3643 データシート(HTML) 2 Page - Fairchild Semiconductor

  PN3643 Datasheet HTML 1Page - Fairchild Semiconductor PN3643 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 10 mA, IB = 030V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICES
Collector Cutoff Current
VCE = 50 V, IE = 0
VCE = 50 V, IE = 0, TA = +65
°C
50
1.0
nA
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
VCE = 10 V, IC = 150 mA
VCE = 10 V, IC = 500 mA
100
20
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
0.22
V
SMALL SIGNAL CHARACTERISTICS
Cob
Output Capacitance
VCB = 10 V, f = 140 kHz,
8.0
pF
η
Collector Efficiency
VCE = 15 V, f = 30 MHz,
Rg = 140
Ω, RL = 260 Ω
60
%
Gpe
Amplifier Power Gain
VCE = 15 V, f = 30 MHz,
Rg = 140
Ω, RL = 260 Ω
10
dB
hfe
Small-Signal Current Gain
IC = 50 mA, VCE = 5.0 V,
f = 100 MHz
2.5
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%


同様の部品番号 - PN3643

メーカー部品番号データシート部品情報
logo
Micro Electronics
PN3643 MICRO-ELECTRONICS-PN3643 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
Central Semiconductor C...
PN3643 CENTRAL-PN3643 Datasheet
56Kb / 1P
Small Signal Transistors
PN3643 CENTRAL-PN3643 Datasheet
56Kb / 1P
NPN SILICON SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
PN3643 FAIRCHILD-PN3643 Datasheet
29Kb / 4P
NPN General Purpose Amplifier
logo
New Jersey Semi-Conduct...
PN3643 NJSEMI-PN3643 Datasheet
50Kb / 1P
NPN SILICON SIGNAL TRANSISTORS
More results

同様の説明 - PN3643

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
NPN General Purpose Amplifier
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com