データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN-1027 データシート(PDF) 3 Page - Cymbet Corporation

部品番号 AN-1027
部品情報  Ultra Low Power Microcontroller Backup Using the EnerChip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

AN-1027 データシート(HTML) 3 Page - Cymbet Corporation

  AN-1027 Datasheet HTML 1Page - Cymbet Corporation AN-1027 Datasheet HTML 2Page - Cymbet Corporation AN-1027 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AN-1027: Ultra Low Power MCU Backup Using the EnerChip™ CC
©2008 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1027 Rev01
Page 3 of 3
Under normal operation, the MCU derives its power from the main system supply, which might be a large coin
cell, prismatic cell, cylindrical batteries, or indirectly from wall power through a voltage regulator. In that mode,
the EnerChip CC is isolated from the MCU by means of transistor Q1B being turned off when its gate is forced
high using an I/O line from the MCU. Transistor Q1A allows the main supply voltage to pass to the MCU, its
gate being forced low by another MCU I/O line. Because the EnerChip has very low self-discharge, it needs to
be charged only after it has been used in the performance of its duty as a backup power source or on a very
infrequent basis to keep it fully charged when not being used. To maintain a charge of 90% or greater on the
EnerChip when it has not been used as a backup power source for prolonged periods, the EnerChip would
need no more than one hour of charging time per month. This would present a negligible parasitic load to the
main power source, as the EnerChip charges quickly and its charging current decays to a small fraction of a
microampere when fully charged. Therefore, the EnerChip CC supply (VDD) and ENABLE pins may be forced
to the low state the vast majority of the time using an MCU I/O line. In this mode, the EnerChip CC will draw
essentially zero current. The l/O line can be forced high periodically as needed to replenish the charge in the
internal EnerChip. The MCU can be programmed to automatically do this periodically or for an hour or two
automatically upon returning to the normal operating condition after a power loss condition has occurred.
Output drive current of the MCU I/O line must be on the order of 0.5 mA minimum to ensure the EnerChip CC
internal charge pump performs properly.
During a main power supply interruption, the MCU is programmed to isolate (by turning off Q1A) the main
supply from the MCU and EnerChip CC to prevent the EnerChip from inadvertenly powering whatever output
stage is connected to the main supply line. Simultaneously, Q1B is turned on, allowing current to flow from the
EnerChip CC output to the power supply pin of the MCU, which is programmed to go automatically into a low
power mode when the threshold voltage limit is reached.
Q1A and Q1B can be combined and implemented in one low cost, small footprint 6-pin package such as an
SC70-6. Ensure that during power-up, the gate of Q1A is low so that power to the MCU is applied through Q1A.
If that condition does not occur naturally, it can be forced low using a filter capacitor on the gate of Q1A.
The implementation described herein has been demonstrated with a commercially available low power
microcontroller. Embedded source code written for this application is available from Cymbet upon request.
Conclusion
Traditional backup power sources have long charge times, high self-discharge, high steady state parasitic
charging current, and often require external components for charge control and discharge cutoff. The EnerChip
- with its low self-discharge, low parasitic current draw when charged, and fast recharge time - is a superior
solution to supercapacitors and coin cell batteries in backup power applications. When implemented in MCU-
based systems, the EnerChip CC delivers a robust backup power source with high cycle life and integrated
battery management while drawing no current under normal operating conditions. This approach can lead to a
significant extension in the operating life of the main battery.


同様の部品番号 - AN-1027

メーカー部品番号データシート部品情報
logo
IXYS Corporation
AN-102 IXYS-AN-102 Datasheet
162Kb / 2P
Loop Current Detection for LITELINK
logo
Fairchild Semiconductor
AN-1025 FAIRCHILD-AN-1025 Datasheet
256Kb / 11P
Maximum Power Enhancement Techniques for SuperSOTTM-3 Power MOSFETs
logo
Cymbet Corporation
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
Using the EnerChip??in Pulse Current Applications
logo
Fairchild Semiconductor
AN-1026 FAIRCHILD-AN-1026 Datasheet
223Kb / 12P
Maximum Power Enhancement Techniques for SuperSOTTM-6 Power MOSFETs
logo
Analog Devices
AN-1026 AD-AN-1026 Datasheet
361Kb / 16P
High Speed Differential ADC Driver Design Considerations
REV. 0
More results

同様の説明 - AN-1027

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
AM1803 CYMBET-AM1803 Datasheet
212Kb / 1P
Ambiq AM1803 RTC Power Backup with EnerChip Battery
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
Using the EnerChip CC in Energy Harvesting Designs
AN-1045 CYMBET-AN-1045 Datasheet
214Kb / 3P
EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
AN-1047 CYMBET-AN-1047 Datasheet
293Kb / 3P
EnerChip CC Real-Time Clock Backup for K60 Microcontroller
AN-1050 CYMBET-AN-1050 Datasheet
1Mb / 6P
Using the EnerChip Energy Harvesters with the TI LaunchPad
MDP79410 CYMBET-MDP79410 Datasheet
202Kb / 1P
Microchip MDP79410 RTC Power Backup with EnerChip Battery
RX-8564 CYMBET-RX-8564 Datasheet
205Kb / 1P
Epson RX-8564 RTC Power Backup with EnerChip Battery
AN-1025 CYMBET-AN-1025 Datasheet
695Kb / 8P
Using the EnerChip??in Pulse Current Applications
AN-1028 CYMBET-AN-1028 Datasheet
349Kb / 3P
Ultra Low Power MSP430 Backup Using the EnerChip??CC
AN-1059 CYMBET-AN-1059 Datasheet
326Kb / 5P
Extend Battery Life by Reducing System Power using the EnerChip RTC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com