| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/SP データシート(PDF) 128 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP データシート(HTML) 128 Page - Microchip Technology |
|
128 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 126 Preliminary © 2009 Microchip Technology Inc. REGISTER 7-29: IPC24: INTERRUPT PRIORITY CONTROL REGISTER 24 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 R/W-1 R/W-0 R/W-0 U-0 R/W-1 R/W-0 R/W-0 —PWM4IP(1) — PWM3IP<2:0>(2) bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-7 Unimplemented: Read as ‘0’ bit 6-4 PWM4IP<2:0>: PWM4 Interrupt Priority bits(1) 111 = Interrupt is priority 7 (highest priority) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled bit 3 Unimplemented: Read as ‘0’ bit 2-0 PWM3IP<2:0>: PWM3 Interrupt Priority bits(2) 111 = Interrupt is priority 7 (highest priority) • • • 001 = Interrupt is priority 1 000 = Interrupt source is disabled Note 1: These bits are not implemented in dsPIC33FJ06GS202 and dsPIC33FJ16GS402/404 devices. 2: These bits are not implemented in dsPIC33FJ06101/102/202 devices. |