| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/SP データシート(PDF) 165 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/SP データシート(HTML) 165 Page - Microchip Technology |
|
165 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 163 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 10-3: RPINR3: PERIPHERAL PIN SELECT INPUT REGISTER 3 U-0 U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — —T3CKR<5:0> bit 15 bit 8 U-0 U-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 — —T2CKR<5:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 Unimplemented: Read as ‘0’ bit 13-8 T3CKR<5:0>: Assign Timer3 External Clock (T3CK) to the Corresponding RPn Pin bits 111111 = Input tied to VSS 100011 = Input tied to RP35 100010 = Input tied to RP34 100001 = Input tied to RP33 100000 = Input tied to RP32 • • • 00000 = Input tied to RP0 bit 7-6 Unimplemented: Read as ‘0’ bit 5-0 T2CKR<5:0>: Assign Timer2 External Clock (T2CK) to the Corresponding RPn Pin bits 111111 = Input tied to VSS 100011 = Input tied to RP35 100010 = Input tied to RP34 100001 = Input tied to RP33 100000 = Input tied to RP32 • • • 00000 = Input tied to RP0 |