データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS101TE/SP データシート(PDF) 107 Page - Microchip Technology

部品番号 DSPIC33FJ06GS101TE/SP
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/SP データシート(HTML) 107 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/SP Datasheet HTML 103Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 104Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 105Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 106Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 107Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 108Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 109Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 110Page - Microchip Technology DSPIC33FJ06GS101TE/SP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 105
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
bit 2
OC1IF:
Output Compare Channel 1 Interrupt Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 1
IC1IF:
Input Capture Channel 1 Interrupt Flag Status bit(1)
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 0
INT0IF:
External Interrupt 0 Flag Status bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
REGISTER 7-5:
IFS0: INTERRUPT FLAG STATUS REGISTER 0 (CONTINUED)
Note 1:
This bit is not implemented in dsPIC33FJ06GS101/102 devices.
2:
These bits are not implemented in dsPIC33FJ06GS202 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More