| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/ML データシート(PDF) 200 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/ML データシート(HTML) 200 Page - Microchip Technology |
|
200 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 198 Preliminary © 2009 Microchip Technology Inc. FIGURE 15-1: SIMPLIFIED CONCEPTUAL BLOCK DIAGRAM OF HIGH-SPEED PWM MUX Latch Comparator Timer PDC2 Phase MUX Latch Comparator Timer PDC3 Phase MUX Latch Comparator Timer PDC4 Phase MUX Latch Comparator Timer PDC1 PWMCONx LEBCONx Channel 1 Dead-Time Generator PTCON SEVTCMP Comparator Special Event IOCONx PWM Enable and Mode Control Channel 3 Dead-Time Generator Channel 4 Dead-Time Generator ALTDTRx, DTRx Dead-Time Control Special Event Postscaler FLTX(1) PWM3L PWM3H PWM2L PWM2H PWM1L PWM1H FCLCONx Pin and Mode Control MDC ADC Trigger Control Master Duty Cycle Register Fault Mode and Pin Control Pin Override Control Special Event PTPER Timer Period PWM GEN 1 PWM GEN 2 PWM GEN 4 PTMR Master Time Base Phase PWM GEN 3 Channel 2 Dead-Time Generator PWM4L(1) PWM4H(1) Trigger Comparison Value Fault Control Logic TRGCONx Control for Blanking External Input Signals SYNCO(1) SYNCIX(1) Note 1: These pins are remappable. External Time Base Synchronization |