| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/ML データシート(PDF) 342 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/ML データシート(HTML) 342 Page - Microchip Technology |
|
342 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 340 Preliminary © 2009 Microchip Technology Inc. Timer1, 2, 3 External Clock....................................... 290 Timing Requirements External Clock........................................................... 285 I/O ............................................................................. 287 Input Capture ............................................................ 292 Timing Specifications 10-Bit A/D Conversion Requirements ....................... 305 High-Speed PWM Requirements .............................. 294 I2Cx Bus Data Requirements (Master Mode) ........... 301 I2Cx Bus Data Requirements (Slave Mode) ............. 303 Output Compare Requirements ................................ 292 PLL Clock.................................................................. 286 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer and Brown-out Reset Requirements.................................................... 289 Simple OC/PWM Mode Requirements ..................... 293 SPIx Master Mode (CKE = 0) Requirements ............ 295 SPIx Master Mode (CKE = 1) Requirements ............ 296 SPIx Slave Mode (CKE = 0) Requirements .............. 297 SPIx Slave Mode (CKE = 1) Requirements.............. 299 Timer1 External Clock Requirements ....................... 290 Timer2 External Clock Requirements ....................... 291 Timer3 External Clock Requirements ....................... 291 U Universal Asynchronous Receiver Transmitter (UART) ... 223 Using the RCON Status Bits............................................... 86 V Voltage Regulator (On-Chip) ............................................ 258 W Watchdog Time-out Reset (WDTO).................................... 85 Watchdog Timer (WDT)............................................ 255, 259 Programming Considerations ................................... 259 WWW Address ................................................................. 331 WWW, On-Line Support ..................................................... 12 |