| データシートサーチシステム |
|
DSPIC33FJ06GS201TI/ML データシート(PDF) 155 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TI/ML データシート(HTML) 155 Page - Microchip Technology |
|
155 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 153 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 9-6: PMD7: PERIPHERAL MODULE DISABLE CONTROL REGISTER 7 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 — — — — CMP4MD CMP3MD CMP2MD CMP1MD bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-12 Unimplemented: Read as ‘0’ bit 11 CMP4MD : Analog Comparator 4 Module Disable bit 1 = Analog Comparator 4 module is disabled 0 = Analog Comparator 4 module is enabled bit 10 CMP3MD : Analog Comparator 3 Module Disable bit 1 = Analog Comparator 3 module is disabled 0 = Analog Comparator 3 module is enabled bit 9 CMP2MD : Analog Comparator 2 Module Disable bit 1 = Analog Comparator 2 module is disabled 0 = Analog Comparator 2 module is enabled bit 8 CMP1MD : Analog Comparator 1 Module Disable bit 1 = Analog Comparator 1 module is disabled 0 = Analog Comparator 1 module is enabled bit 7-0 Unimplemented: Read as ‘0’ |