データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS201TE/MM データシート(PDF) 275 Page - Microchip Technology

部品番号 DSPIC33FJ06GS201TE/MM
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/MM データシート(HTML) 275 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/MM Datasheet HTML 271Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 272Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 273Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 274Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 275Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 276Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 277Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 278Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 273
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
Wm*Wm
Multiplicand and Multiplier Working register pair for Square instructions
∈
{W4 * W4,W5 * W5,W6 * W6,W7 * W7}
Wm*Wn
Multiplicand and Multiplier Working register pair for DSP instructions
∈
{W4 * W5,W4 * W6,W4 * W7,W5 * W6,W5 * W7,W6 * W7}
Wn
One of 16 Working registers
∈ {W0..W15}
Wnd
One of 16 Destination Working registers
∈ {W0...W15}
Wns
One of 16 Source Working registers
∈ {W0...W15}
WREG
W0 (Working register used in file register instructions)
Ws
Source W register
∈ { Ws, [Ws], [Ws++], [Ws--], [++Ws], [--Ws] }
Wso
Source W register
∈
{ Wns, [Wns], [Wns++], [Wns--], [++Wns], [--Wns], [Wns+Wb] }
Wx
X Data Space Prefetch Address register for DSP instructions
∈ {[W8] + = 6, [W8] + = 4, [W8] + = 2, [W8], [W8] - = 6, [W8] - = 4, [W8] - = 2,
[W9] + = 6, [W9] + = 4, [W9] + = 2, [W9], [W9] - = 6, [W9] - = 4, [W9] - = 2,
[W9 + W12], none}
Wxd
X Data Space Prefetch Destination register for DSP instructions
∈ {W4...W7}
Wy
Y Data Space Prefetch Address register for DSP instructions
∈ {[W10] + = 6, [W10] + = 4, [W10] + = 2, [W10], [W10] - = 6, [W10] - = 4, [W10] - = 2,
[W11] + = 6, [W11] + = 4, [W11] + = 2, [W11], [W11] - = 6, [W11] - = 4, [W11] - = 2,
[W11 + W12], none}
Wyd
Y Data Space Prefetch Destination register for DSP instructions
∈ {W4...W7}
TABLE 22-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS (CONTINUED)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More