| データシートサーチシステム |
|
DSPIC33FJ06GS201TE/MM データシート(PDF) 115 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TE/MM データシート(HTML) 115 Page - Microchip Technology |
|
115 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 113 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 REGISTER 7-13: IEC1: INTERRUPT ENABLE CONTROL REGISTER 1 U-0 U-0 R/W-0 U-0 U-0 U-0 U-0 U-0 — —INT2IE — — — — — bit 15 bit 8 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 — — — INT1IE CNIE AC1IE(1) MI2C1IE SI2C1IE bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-14 Unimplemented: Read as ‘0’ bit 13 INT2IE: External Interrupt 2 Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 12-5 Unimplemented: Read as ‘0’ bit 4 INT1IE: External Interrupt 1 Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 3 CNIE: Input Change Notification Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 2 AC1IE: Analog Comparator 1 Interrupt Enable bit(1) 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 1 MI2C1IE: I2C1 Master Events Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 0 SI2C1IE: I2C1 Slave Events Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled Note 1: This bit is not implemented in dsPIC33FJ06GS101/102 and dsPIC33FJ16GS402/404 devices. |