| データシートサーチシステム |
|
GRJ552B11H102KA01D データシート(PDF) 163 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D データシート(HTML) 163 Page - Murata Manufacturing Co., Ltd. |
|
163 / 221 page ![]() 162 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GRM21B7U2E472JW32L DC250 U2J (EIA) 4700 ±5% 2.0 1.25 1.25 0.7 0.3 min. GRM31A7U2E472JW31D DC250 U2J (EIA) 4700 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM21B7U2E562JW32L DC250 U2J (EIA) 5600 ±5% 2.0 1.25 1.25 0.7 0.3 min. GRM31A7U2E562JW31D DC250 U2J (EIA) 5600 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31B7U2E682JW31L DC250 U2J (EIA) 6800 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31B7U2E822JW31L DC250 U2J (EIA) 8200 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31B7U2E103JW31L DC250 U2J (EIA) 10000 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31A7U2J100JW31D DC630 U2J (EIA) 10 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J120JW31D DC630 U2J (EIA) 12 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J150JW31D DC630 U2J (EIA) 15 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J180JW31D DC630 U2J (EIA) 18 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J220JW31D DC630 U2J (EIA) 22 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J270JW31D DC630 U2J (EIA) 27 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J330JW31D DC630 U2J (EIA) 33 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J390JW31D DC630 U2J (EIA) 39 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J470JW31D DC630 U2J (EIA) 47 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J560JW31D DC630 U2J (EIA) 56 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J680JW31D DC630 U2J (EIA) 68 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J820JW31D DC630 U2J (EIA) 82 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J101JW31D DC630 U2J (EIA) 100 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J121JW31D DC630 U2J (EIA) 120 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J151JW31D DC630 U2J (EIA) 150 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J181JW31D DC630 U2J (EIA) 180 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J221JW31D DC630 U2J (EIA) 220 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J271JW31D DC630 U2J (EIA) 270 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J331JW31D DC630 U2J (EIA) 330 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J391JW31D DC630 U2J (EIA) 390 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J471JW31D DC630 U2J (EIA) 470 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J561JW31D DC630 U2J (EIA) 560 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J681JW31D DC630 U2J (EIA) 680 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J821JW31D DC630 U2J (EIA) 820 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U2J102JW31D DC630 U2J (EIA) 1000 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM32A7U2J122JW31D DC630 U2J (EIA) 1200 ±5% 3.2 2.5 1.0 1.5 0.3 min. GRM32A7U2J152JW31D DC630 U2J (EIA) 1500 ±5% 3.2 2.5 1.0 1.5 0.3 min. GRM32A7U2J182JW31D DC630 U2J (EIA) 1800 ±5% 3.2 2.5 1.0 1.5 0.3 min. GRM32A7U2J222JW31D DC630 U2J (EIA) 2200 ±5% 3.2 2.5 1.0 1.5 0.3 min. GRM31A7U3A100JW31D DC1000 U2J (EIA) 10 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A120JW31D DC1000 U2J (EIA) 12 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A150JW31D DC1000 U2J (EIA) 15 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A180JW31D DC1000 U2J (EIA) 18 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A220JW31D DC1000 U2J (EIA) 22 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A270JW31D DC1000 U2J (EIA) 27 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A330JW31D DC1000 U2J (EIA) 33 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A390JW31D DC1000 U2J (EIA) 39 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A470JW31D DC1000 U2J (EIA) 47 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A560JW31D DC1000 U2J (EIA) 56 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A680JW31D DC1000 U2J (EIA) 68 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A820JW31D DC1000 U2J (EIA) 82 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A101JW31D DC1000 U2J (EIA) 100 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A121JW31D DC1000 U2J (EIA) 120 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A151JW31D DC1000 U2J (EIA) 150 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A181JW31D DC1000 U2J (EIA) 180 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A221JW31D DC1000 U2J (EIA) 220 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A271JW31D DC1000 U2J (EIA) 270 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31A7U3A331JW31D DC1000 U2J (EIA) 330 ±5% 3.2 1.6 1.0 1.5 0.3 min. GRM31B7U3A391JW31L DC1000 U2J (EIA) 390 ±5% 3.2 1.6 1.25 1.5 0.3 min. GRM31B7U3A471JW31L DC1000 U2J (EIA) 470 ±5% 3.2 1.6 1.25 1.5 0.3 min. Continued on the following page. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |