| データシートサーチシステム |
|
GRJ552B11H102KA01D データシート(PDF) 173 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D データシート(HTML) 173 Page - Murata Manufacturing Co., Ltd. |
|
173 / 221 page ![]() 172 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GRJ31BR72J332KWJ1L DC630 X7R (EIA) 3300pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR72J472KWJ1L DC630 X7R (EIA) 4700pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR72J682KWJ1L DC630 X7R (EIA) 6800pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR72J103KWJ1L DC630 X7R (EIA) 10000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31CR72J153KWJ3L DC630 X7R (EIA) 15000pF ±10% 3.2 1.6 1.6 1.2 0.3 min. GRJ32QR72J223KWJ1L DC630 X7R (EIA) 22000pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRJ32DR72J333KWJ1L DC630 X7R (EIA) 33000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRJ32DR72J473KWJ1L DC630 X7R (EIA) 47000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRJ43QR72J683KWJ1L DC630 X7R (EIA) 68000pF ±10% 4.5 3.2 1.5 2.2 0.3 min. GRJ43DR72J104KWJ1L DC630 X7R (EIA) 0.10 µF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRJ55DR72J154KWJ1L DC630 X7R (EIA) 0.15 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRJ55DR72J224KWJ1L DC630 X7R (EIA) 0.22 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. GRJ31BR73A471KWJ1L DC1000 X7R (EIA) 470pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR73A102KWJ1L DC1000 X7R (EIA) 1000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR73A152KWJ1L DC1000 X7R (EIA) 1500pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR73A222KWJ1L DC1000 X7R (EIA) 2200pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR73A332KWJ1L DC1000 X7R (EIA) 3300pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ31BR73A472KWJ1L DC1000 X7R (EIA) 4700pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRJ32QR73A682KWJ1L DC1000 X7R (EIA) 6800pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRJ32QR73A103KWJ1L DC1000 X7R (EIA) 10000pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRJ32DR73A153KWJ1L DC1000 X7R (EIA) 15000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRJ32DR73A223KWJ1L DC1000 X7R (EIA) 22000pF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRJ43DR73A333KWJ1L DC1000 X7R (EIA) 33000pF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRJ43DR73A473KWJ1L DC1000 X7R (EIA) 47000pF ±10% 4.5 3.2 2.0 2.2 0.3 min. GRJ55DR73A104KWJ1L DC1000 X7R (EIA) 0.10 µF ±10% 5.7 5.0 2.0 3.2 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |