| データシートサーチシステム |
|
GRJ552B11H102KA01D データシート(PDF) 194 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRJ552B11H102KA01D データシート(HTML) 194 Page - Murata Manufacturing Co., Ltd. |
|
194 / 221 page ![]() 193 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Part Number Rated Voltage (V) TC Code (Standard) Capacitance (pF) Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) Continued from the preceding page. GA352QR7GF152KW01L AC250 (r.m.s.) X7R (EIA) 1500 ±10% 5.7 2.8 1.5 4.0 0.3 min. GA355QR7GF182KW01L AC250 (r.m.s.) X7R (EIA) 1800 ±10% 5.7 5.0 1.5 4.0 0.3 min. GA355QR7GF222KW01L AC250 (r.m.s.) X7R (EIA) 2200 ±10% 5.7 5.0 1.5 4.0 0.3 min. GA355QR7GF332KW01L AC250 (r.m.s.) X7R (EIA) 3300 ±10% 5.7 5.0 1.5 4.0 0.3 min. GA355DR7GF472KW01L AC250 (r.m.s.) X7R (EIA) 4700 ±10% 5.7 5.0 2.0 4.0 0.3 min. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |