データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM552B11H102KA01D データシート(PDF) 161 Page - Murata Manufacturing Co., Ltd.

部品番号 GRM552B11H102KA01D
部品情報  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D データシート(HTML) 161 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 164Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 221 page
background image
160
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors (Medium Voltage)
Low Dissipation Factor GRM Series
s Features
1. Low-loss and suitable for high frequency circuits
2. Murata's original internal electrode structure
provides high flash-over voltage.
3. A new monolithic structure for small, surface-
mountable devices capable of operating at high
voltage levels
4. Sn-plated external electrodes provides good
solderability.
5. Use the GRM21/31 type with flow or reflow soldering,
and other types with reflow soldering only.
s Applications
Ideal for use on high frequency pulse circuits such
as snubber circuits for switching power supplies,
DC-DC converters, ballasts (inverter fluorescent
lamps), etc.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
Part Number
LW
T
Dimensions (mm)
e min.
g min.
1.5*
0.7
1.6
±0.2
2.5
±0.2
2.0
±0.2
0.3
2.9
GRM32A
GRM32B
GRM42A
GRM31B
GRM31A
GRM21B
GRM21A
3.2
±0.2
1.25
±0.2
2.0
±0.2
3.2
±0.2
4.5
±0.3
* GRM31A7U3D, GRM32A7U3D, GRM32B7U3D: 1.8mm min.
L
W
e
e
g
1.0 +0,- 0.3
1.25
±0.2
1.0 +0,- 0.3
1.0 +0,- 0.3
1.0 +0,- 0.3
1.25 +0,- 0.3
1.25 +0,- 0.3
C0G Characteristics
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GRM21A5C2E100JW01D
DC250
C0G (EIA)
10
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E120JW01D
DC250
C0G (EIA)
12
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E150JW01D
DC250
C0G (EIA)
15
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E180JW01D
DC250
C0G (EIA)
18
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E220JW01D
DC250
C0G (EIA)
22
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E270JW01D
DC250
C0G (EIA)
27
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E330JW01D
DC250
C0G (EIA)
33
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E390JW01D
DC250
C0G (EIA)
39
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E470JW01D
DC250
C0G (EIA)
47
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E560JW01D
DC250
C0G (EIA)
56
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E680JW01D
DC250
C0G (EIA)
68
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E820JW01D
DC250
C0G (EIA)
82
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM21A5C2E101JW01D
DC250
C0G (EIA)
100
±5%
2.0
1.25
1.0
0.7
0.3 min.
GRM31A5C2J100JW01D
DC630
C0G (EIA)
10
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J120JW01D
DC630
C0G (EIA)
12
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J150JW01D
DC630
C0G (EIA)
15
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J180JW01D
DC630
C0G (EIA)
18
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J220JW01D
DC630
C0G (EIA)
22
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J270JW01D
DC630
C0G (EIA)
27
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J330JW01D
DC630
C0G (EIA)
33
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J390JW01D
DC630
C0G (EIA)
39
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J470JW01D
DC630
C0G (EIA)
47
±5%
3.2
1.6
1.0
1.5
0.3 min.
GRM31A5C2J560JW01D
DC630
C0G (EIA)
56
±5%
3.2
1.6
1.0
1.5
0.3 min.
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More