| データシートサーチシステム |
|
GRM552B11H102KA01D データシート(PDF) 167 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
GRM552B11H102KA01D データシート(HTML) 167 Page - Murata Manufacturing Co., Ltd. |
|
167 / 221 page ![]() 166 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Chip Monolithic Ceramic Capacitors (Medium Voltage) High Capacitance for General Use GRM Series s Features 1. A new monolithic structure for small, high capacitance capable of operating at high voltage levels. 2. Sn-plated external electrodes provide good solderability. 3. Use the GRM18/21/31 types with flow or reflow soldering, and other types with reflow soldering only. s Applications 1. Ideal for use on diode-snubber circuits for switching power supplies. 2. Ideal for use as primary-secondary coupling for DC-DC converters. 3. Ideal for use on line filters and ringer detectors for telephones, facsimiles and modems. Do not use these products in any Automotive Power train or Safety equipment including Battery chargers for Electric Vehicles and Plug-in Hybrids. Only Murata products clearly stipulated as "for Automotive use" can be used for automobile applications such as Power train and Safety equipment. L W e e g Part Number LW T Dimensions (mm) g min. 2.0 ±0.2 3.2 ±0.2 1.25 ±0.2 1.6 ±0.2 1.0 +0,-0.3 1.25 +0,-0.3 0.7 1.25 ±0.2 1.2 2.2 3.2 0.4 1.6 ±0.2 1.5 +0,-0.3 1.5 +0,-0.3 2.0 +0,-0.3 2.0 +0,-0.3 2.0 +0,-0.3 3.2 ±0.3 2.5 ±0.2 4.5 ±0.4 3.2 ±0.3 5.7 ±0.4 5.0 ±0.4 0.8 ±0.1 e 0.2 to 0.5 0.3 min. 1.6 ±0.1 0.8 ±0.1 GRM21A GRM21B GRM188 GRM31B GRM31C GRM32Q GRM32D GRM43Q GRM43D GRM55D Part Number Rated Voltage (V) TC Code (Standard) Capacitance Length L (mm) Width W (mm) Thickness T (mm) Electrode g min. (mm) Electrode e (mm) GRM188R72E221KW07D DC250 X7R (EIA) 220pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM188R72E331KW07D DC250 X7R (EIA) 330pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM188R72E471KW07D DC250 X7R (EIA) 470pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM188R72E681KW07D DC250 X7R (EIA) 680pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM188R72E102KW07D DC250 X7R (EIA) 1000pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM21AR72E102KW01D DC250 X7R (EIA) 1000pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM188R72E152KW07D DC250 X7R (EIA) 1500pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM21AR72E152KW01D DC250 X7R (EIA) 1500pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM188R72E222KW07D DC250 X7R (EIA) 2200pF ±10% 1.6 0.8 0.8 0.4 0.2 to 0.5 GRM21AR72E222KW01D DC250 X7R (EIA) 2200pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM21AR72E332KW01D DC250 X7R (EIA) 3300pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM21AR72E472KW01D DC250 X7R (EIA) 4700pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM21AR72E682KW01D DC250 X7R (EIA) 6800pF ±10% 2.0 1.25 1.0 0.7 0.3 min. GRM21BR72E103KW03L DC250 X7R (EIA) 10000pF ±10% 2.0 1.25 1.25 0.7 0.3 min. GRM31BR72E153KW01L DC250 X7R (EIA) 15000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31BR72E223KW01L DC250 X7R (EIA) 22000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM31CR72E333KW03L DC250 X7R (EIA) 33000pF ±10% 3.2 1.6 1.6 1.2 0.3 min. GRM31CR72E473KW03L DC250 X7R (EIA) 47000pF ±10% 3.2 1.6 1.6 1.2 0.3 min. GRM31BR72E683KW01L DC250 X7R (EIA) 68000pF ±10% 3.2 1.6 1.25 1.2 0.3 min. GRM32QR72E683KW01L DC250 X7R (EIA) 68000pF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRM31CR72E104KW03L DC250 X7R (EIA) 0.10 µF ±10% 3.2 1.6 1.6 1.2 0.3 min. GRM32DR72E104KW01L DC250 X7R (EIA) 0.10 µF ±10% 3.2 2.5 2.0 1.2 0.3 min. GRM32QR72E154KW01L DC250 X7R (EIA) 0.15 µF ±10% 3.2 2.5 1.5 1.2 0.3 min. GRM43QR72E154KW01L DC250 X7R (EIA) 0.15 µF ±10% 4.5 3.2 1.5 2.2 0.3 min. GRM32DR72E224KW01L DC250 X7R (EIA) 0.22 µF ±10% 3.2 2.5 2.0 1.2 0.3 min. Continued on the following page. • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |