データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F2525IMLSQTP データシート(PDF) 104 Page - Microchip Technology

部品番号 PIC18F2525IMLSQTP
部品情報  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP データシート(HTML) 104 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 100Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 101Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 102Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 103Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 104Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 105Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 106Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 107Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 102
© 2008 Microchip Technology Inc.
TABLE 9-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
52
LATD
PORTD Data Latch Register (Read and Write to Data Latch)
52
TRISD
PORTD Data Direction Control Register
52
TRISE
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
52
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More