| データシートサーチシステム |
|
DM300018 データシート(PDF) 110 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 データシート(HTML) 110 Page - Microchip Technology |
|
110 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 104 Advance Information © 2005 Microchip Technology Inc. B.4 LCD FIRMWARE PROGRAMMING: The LCD firmware resident on the dsPIC30F2011 device may be reprogrammed at any time using the MPLAB IDE project and workspace provided in this folder. In order to reprogram the firmware, the following steps need to be performed in sequence: 1. All switches on blocks S2, S3, and S4 should be turned OFF. 2. All jumpers on header H1 should be removed. 3. Install jumpers on header H11. 4. Connect MPLAB ICD 2 Programming Header to the dsPICDEM 2 Development Board at J1. 5. Install jumpers JP1 and JP2 and supply power to the board at J4. 6. Open the MPLAB IDE workspace from the folder: path/dsPICDEM 3 Development Kit/LCD Controller/ 7. Build the project. Project>>Build All 8. Download the hex file into the dsPIC30F2011 device. Programmer>>Program 9. Remove jumpers from headee H11. |