データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F2680ISOSQTP データシート(PDF) 324 Page - Microchip Technology

部品番号 PIC18F2680ISOSQTP
部品情報  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP データシート(HTML) 324 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 320Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 321Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 322Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 323Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 324Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 328Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 322
Preliminary
© 2007 Microchip Technology Inc.
DFFh
—(4)
DDFh
—(4)
DBFh
—(4)
D9Fh
—(4)
DFEh
—(4)
DDEh
—(4)
DBEh
—(4)
D9Eh
—(4)
DFDh
—(4)
DDDh
—(4)
DBDh
—(4)
D9Dh
—(4)
DFCh
TXBIE
DDCh
—(4)
DBCh
—(4)
D9Ch
—(4)
DFBh
—(4)
DDBh
—(4)
DBBh
—(4)
D9Bh
—(4)
DFAh
BIE0
DDAh
—(4)
DBAh
—(4)
D9Ah
—(4)
DF9h
—(4)
DD9h
—(4)
DB9h
—(4)
D99h
—(4)
DF8h
BSEL0
DD8h
SDFLC
DB8h
—(4)
D98h
—(4)
DF7h
—(4)
DD7h
—(4)
DB7h
—(4)
D97h
—(4)
DF6h
—(4)
DD6h
—(4)
DB6h
—(4)
D96h
—(4)
DF5h
—(4)
DD5h
RXFCON1
DB5h
—(4)
D95h
—(4)
DF4h
—(4)
DD4h
RXFCON0
DB4h
—(4)
D94h
—(4)
DF3h
MSEL3
DD3h
—(4)
DB3h
—(4)
D93h RXF15EIDL
DF2h
MSEL2
DD2h
—(4)
DB2h
—(4)
D92h RXF15EIDH
DF1h
MSEL1
DD1h
—(4)
DB1h
—(4)
D91h RXF15SIDL
DF0h
MSEL0
DD0h
—(4)
DB0h
—(4)
D90h RXF15SIDH
DEFh
—(4)
DCFh
—(4)
DAFh
—(4)
D8Fh
—(4)
DEEh
—(4)
DCEh
—(4)
DAEh
—(4)
D8Eh
—(4)
DEDh
—(4)
DCDh
—(4)
DADh
—(4)
D8Dh
—(4)
DECh
—(4)
DCCh
—(4)
DACh
—(4)
D8Ch
—(4)
DEBh
—(4)
DCBh
—(4)
DABh
—(4)
D8Bh RXF14EIDL
DEAh
—(4)
DCAh
—(4)
DAAh
—(4)
D8Ah RXF14EIDH
DE9h
—(4)
DC9h
—(4)
DA9h
—(4)
D89h RXF14SIDL
DE8h
—(4)
DC8h
—(4)
DA8h
—(4)
D88h RXF14SIDH
DE7h
RXFBCON7
DC7h
—(4)
DA7h
—(4)
D87h RXF13EIDL
DE6h
RXFBCON6
DC6h
—(4)
DA6h
—(4)
D86h RXF13EIDH
DE5h
RXFBCON5
DC5h
—(4)
DA5h
—(4)
D85h RXF13SIDL
DE4h
RXFBCON4
DC4h
—(4)
DA4h
—(4)
D84h RXF13SIDH
DE3h
RXFBCON3
DC3h
—(4)
DA3h
—(4)
D83h RXF12EIDL
DE2h
RXFBCON2
DC2h
—(4)
DA2h
—(4)
D82h RXF12EIDH
DE1h
RXFBCON1
DC1h
—(4)
DA1h
—(4)
D81h RXF12SIDL
DE0h
RXFBCON0
DC0h
—(4)
DA0h
—(4)
D80h RXF12SIDH
TABLE 23-1:
CAN CONTROLLER REGISTER MAP (CONTINUED)
Address(1)
Name
Address
Name
Address
Name
Address
Name
Note 1:
Shaded registers are available in Access Bank low area, while the rest are available in Bank 15.
2:
CANSTAT register is repeated in these locations to simplify application firmware. Unique names are given
for each instance of the controller register due to the Microchip header file requirement.
3:
These registers are not CAN registers.
4:
Unimplemented registers are read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More