| データシートサーチシステム |
|
PIC18F2680ISOSQTP データシート(PDF) 133 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISOSQTP データシート(HTML) 133 Page - Microchip Technology |
|
133 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 131 PIC18F2585/2680/4585/4680 TABLE 10-2: SUMMARY OF REGISTERS ASSOCIATED WITH PORTA Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page PORTA RA7(1) RA6(1) RA5 RA4 RA3 RA2 RA1 RA0 52 LATA LATA7(1) LATA6(1) LATA Data Output Register 52 TRISA TRISA7(1) TRISA6(1) PORTA Data Direction Register 52 ADCON1 — — VCFG1 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 50 CMCON(2) C2OUT C1OUT C2INV C1INV CIS CM2 CM1 CM0 51 CVRCON(2) CVREN CVROE CVRR CVRSS CVR3 CVR2 CVR1 CVR0 51 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by PORTA. Note 1: RA7:RA6 and their associated latch and data direction bits are enabled as I/O pins based on oscillator configuration; otherwise, they are read as ‘0’. 2: These registers are unimplemented on PIC18F2X8X devices. |