| データシートサーチシステム |
|
PIC18F4680ISOSQTP データシート(PDF) 325 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ISOSQTP データシート(HTML) 325 Page - Microchip Technology |
|
325 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 323 PIC18F2585/2680/4585/4680 TABLE 23-1: CAN CONTROLLER REGISTER MAP (CONTINUED) Address(1) Name D7Fh —(4) D7Eh —(4) D7Dh —(4) D7Ch —(4) D7Bh RXF11EIDL D7Ah RXF11EIDH D79h RXF11SIDL D78h RXF11SIDH D77h RXF10EIDL D76h RXF10EIDH D75h RXF10SIDL D74h RXF10SIDH D73h RXF9EIDL D72h RXF9EIDH D71h RXF9SIDL D70h RXF9SIDH D6Fh —(4) D6Eh —(4) D6Dh —(4) D6Ch —(4) D6Bh RXF8EIDL D6Ah RXF8EIDH D69h RXF8SIDL D68h RXF8SIDH D67h RXF7EIDL D66h RXF7EIDH D65h RXF7SIDL D64h RXF7SIDH D63h RXF6EIDL D62h RXF6EIDH D61h RXF6SIDL D60h RXF6SIDH Note 1: Shaded registers are available in Access Bank low area while the rest are available in Bank 15. 2: CANSTAT register is repeated in these locations to simplify application firmware. Unique names are given for each instance of the controller register due to the Microchip header file requirement. 3: These registers are not CAN registers. 4: Unimplemented registers are read as ‘0’. |