データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F4680ISPSQTP データシート(PDF) 308 Page - Microchip Technology

部品番号 PIC18F4680ISPSQTP
部品情報  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISPSQTP データシート(HTML) 308 Page - Microchip Technology

Back Button PIC18F4680ISPSQTP Datasheet HTML 304Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 305Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 306Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 307Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 308Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 309Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 310Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 311Page - Microchip Technology PIC18F4680ISPSQTP Datasheet HTML 312Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 306
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 23-47: RXFBCONn: RECEIVE FILTER BUFFER CONTROL REGISTER n(1)
RXFBCON0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F1BP_3
F1BP_2
F1BP_1
F1BP_0
F0BP_3
F0BP_2
F0BP_1
F0BP_0
RXFBCON1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
F3BP_3
F3BP_2
F3BP_1
F3BP_0
F2BP_3
F2BP_2
F2BP_1
F2BP_0
RXFBCON2
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
F5BP_3
F5BP_2
F5BP_1
F5BP_0
F4BP_3
F4BP_2
F4BP_1
F4BP_0
RXFBCON3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F7BP_3
F7BP_2
F7BP_1
F7BP_0
F6BP_3
F6BP_2
F6BP_1
F6BP_0
RXFBCON4
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F9BP_3
F9BP_2
F9BP_1
F9BP_0
F8BP_3
F8BP_2
F8BP_1
F8BP_0
RXFBCON5
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F11BP_3
F11BP_2
F11BP_1
F11BP_0
F10BP_3 F10BP_2 F10BP_1 F10BP_0
RXFBCON6
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F13BP_3
F13BP_2
F13BP_1 F13BP_0 F12BP_3 F12BP_2 F12BP_1 F12BP_0
RXFBCON7
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F15BP_3
F15BP_2
F15BP_1 F15BP_0 F14BP_3 F14BP_2 F14BP_1 F14BP_0
bit 7
bit 0
bit 7-0
FnBP_3:FnBP_0: Filter n Buffer Pointer Nibble bits
0000
= Filter n is associated with RXB0
0001
= Filter n is associated with RXB1
0010
= Filter n is associated with B0
0011
= Filter n is associated with B1
...
0111
= Filter n is associated with B5
1111-1000
= Reserved
Note 1: This register is available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More