データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F373VB データシート(PDF) 111 Page - STMicroelectronics

部品番号 STM32F373VB
部品情報  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VB データシート(HTML) 111 Page - STMicroelectronics

Back Button STM32F373VB Datasheet HTML 107Page - STMicroelectronics STM32F373VB Datasheet HTML 108Page - STMicroelectronics STM32F373VB Datasheet HTML 109Page - STMicroelectronics STM32F373VB Datasheet HTML 110Page - STMicroelectronics STM32F373VB Datasheet HTML 111Page - STMicroelectronics STM32F373VB Datasheet HTML 112Page - STMicroelectronics STM32F373VB Datasheet HTML 113Page - STMicroelectronics STM32F373VB Datasheet HTML 114Page - STMicroelectronics STM32F373VB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 131 page
background image
DocID022691 Rev 4
111/131
STM32F37xxx
Electrical characteristics
114
EL
Integral
linearity
error
VDDSDx = 3.3
VREFSD+ =
1.2
--
16
LSB
VREFSD+ =
3.3
--
14
VREFSD+ =
1.2
--
26
VREFSD+=
3.3
--
14
VREFSD+ =
1.2
--
31
VREFSD+=
3.3
--
23
VREFSD+=
1.2
--
80
VREFSD+ =
3.3
--
35
ED
Differential
linearity
error
VDDSDx = 3.3
VREFSD+ =
1.2
--
2.4
LSB
VREFSD+ =
3.3
--
1.8
VREFSD+=
1.2
--
3.6
VREFSD+ =
3.3
--
2.9
VREFSD+ =
1.2
--
3.2
VREFSD+ =
3.3
--
2.8
VREFSD+=
1.2
--
4.1
VREFSD+ =
3.3
--
3.3
Table 74. SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More