| データシートサーチシステム |
|
AX500 データシート(PDF) 161 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX500 データシート(HTML) 161 Page - Microsemi Corporation |
|
161 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 3 - 35 IO246NB7F22 F3 IO246PB7F22 G3 IO250NB7F23 F4 IO250PB7F23 G4 IO253NB7F23 G5 IO253PB7F23 G6 IO254NB7F23 D1 IO254PB7F23 E1 IO257NB7F23 F5 IO257PB7F23 E4 Dedicated I/O VCCDA H7 GND A1 GND A11 GND A12 GND A2 GND A21 GND A22 GND AA1 GND AA2 GND AA21 GND AA22 GND AB1 GND AB11 GND AB12 GND AB2 GND AB21 GND AB22 GND B1 GND B2 GND B21 GND B22 GND C20 GND C3 GND D19 FG484 AX1000 Function Pin Number GND D4 GND E18 GND E5 GND G18 GND H15 GND H8 GND J14 GND J9 GND K10 GND K11 GND K12 GND K13 GND L1 GND L10 GND L11 GND L12 GND L13 GND L22 GND M1 GND M10 GND M11 GND M12 GND M13 GND M22 GND N10 GND N11 GND N12 GND N13 GND P14 GND P9 GND R15 GND R8 GND U16 GND U6 GND V18 FG484 AX1000 Function Pin Number GND V5 GND W19 GND W4 GND Y20 GND Y3 GND/LP G7 PRA G11 PRB F11 PRC T12 PRD U12 TCK G8 TDI F9 TDO F7 TMS F6 TRST F8 VCCA G17 VCCA J10 VCCA J11 VCCA J12 VCCA J13 VCCA J7 VCCA K14 VCCA K9 VCCA L14 VCCA L9 VCCA M14 VCCA M9 VCCA N14 VCCA N9 VCCA P10 VCCA P11 VCCA P12 VCCA P13 VCCA T6 VCCA U17 FG484 AX1000 Function Pin Number |