| データシートサーチシステム |
|
PIC24HJ128GP310 データシート(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 データシート(HTML) 209 Page - Microchip Technology |
|
209 / 286 page ![]() © 2007 Microchip Technology Inc. DS70175F-page 207 PIC24HJXXXGPX06/X08/X10 REGISTER 19-2: ADxCON2: ADCx CONTROL REGISTER 2 (where x = 1 or 2) R/W-0 R/W-0 R/W-0 U-0 U-0 R/W-0 R/W-0 R/W-0 VCFG<2:0> — — CSCNA CHPS<1:0> bit 15 bit 8 R-0 U-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 BUFS — SMPI<3:0> BUFM ALTS bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-13 VCFG<2:0>: Converter Voltage Reference Configuration bits bit 12-11 Unimplemented: Read as ‘0’ bit 10 CSCNA: Scan Input Selections for CH0+ during Sample A bit 1 = Scan inputs 0 = Do not scan inputs bit 9-8 CHPS<1:0>: Selects Channels Utilized bits When AD12B = 1, CHPS<1:0> is: U-0, Unimplemented, Read as ‘0’ 1x =Converts CH0, CH1, CH2 and CH3 01 =Converts CH0 and CH1 00 =Converts CH0 bit 7 BUFS: Buffer Fill Status bit (only valid when BUFM = 1) 1 = A/D is currently filling second half of buffer, user should access data in first half 0 = A/D is currently filling first half of buffer, user should access data in second half bit 6 Unimplemented: Read as ‘0’ bit 5-2 SMPI<3:0>: Selects Increment Rate for DMA Addresses bits or number of sample/conversion operations per interrupt 1111 =Increments the DMA address or generates interrupt after completion of every 16th sample/conversion operation 1110 = Increments the DMA address or generates interrupt after completion of every 15th sample/conversion operation • • • 0001 =Increments the DMA address or generates interrupt after completion of every 2nd sample/conversion operation 0000 = Increments the DMA address or generates interrupt after completion of every sample/conversion operation bit 1 BUFM: Buffer Fill Mode Select bit 1 = Starts filling first half of buffer on first interrupt and second half of buffer on next interrupt 0 = Always starts filling buffer from the beginning bit 0 ALTS: Alternate Input Sample Mode Select bit 1 = Uses channel input selects for Sample A on first sample and Sample B on next sample 0 = Always uses channel input selects for Sample A ADREF+ ADREF- 000 AVDD AVSS 001 External VREF+AVSS 010 AVDD External VREF- 011 External VREF+ External VREF- 1xx AVDD AVSS |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |