![]() |
データシートサーチシステム |
|
I410 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
I410 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page ![]() Current Clamps 10014-ENG Rev. 04 80i-110s i410 i1010 CS20MA 700-IV Specifications AC/DC Models All accessories have a one year warranty 80i-110s i410 i1010 CS20MA 700-IV Hall sensor Hall sensor Hall sensor Current shunt Current shunt 10 A, AC/DC 400 A, AC/DC 600 A, AC 4 mA – 20 mA 4 mA – 20 mA 100 A, AC/DC 1000 A, DC 0.1A – 10 A AC/DC 1 A – 400 A AC/DC 1 A – 600 A, AC 0 mA - 20 mA 0 mA - 55 mA 1 A – 100 A AC/DC 1 A – 1000 A, DC 140 A – 2 kHz 400 A 1000 A 20 mA 55 mA 0.1 A 0.5 A 0.5 A 0 mA 0 mA 3% + 50 mA (@ 10 A) 3.5% + 0.5 A 2% + 0.5 A 0.1% 0.025% DC – 100 kHz DC – 3 kHz DC – 10 kHz DC - ≥ 10 kHz ●● ● 600 V 600 V 600 V 30 V 30 V 11.8 mm 30 mm 30 mm 2 x 25 mm 2 x 25 mm 100 mV/A 1 mV/A 1 mV/A 10 mV/mA 10 mV/mA 10 mV/A 1.6 1.6 1.6 ●● ● ● ● 9 V, 55 h 9 V, 60 h 9 V, 60 h CAT II, 600 V CAT III, 600 V CAT III, 600 V 30 V 30 V CAT III, 300 V Measurement type Nominal current range(s), Continuous current range Highest current Lowest measurable current Basic accuracy 1) Useable frequency response Zero error adjustment Max. working voltage Mazimum conductor diameter Output level(s) Output cable length (m) Shrouded panana Plugs BNC adapter Battery, battery life Safety 1) Basic Accuracy: % reading + floorspec |
同様の部品番号 - I410 |
|
同様の説明 - I410 |
|
|
リンク URL |