データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C960 データシート(PDF) 127 Page - Advanced Micro Devices

部品番号 AM79C960
部品情報  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 データシート(HTML) 127 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 119Page - Advanced Micro Devices AM79C960 Datasheet HTML 120Page - Advanced Micro Devices AM79C960 Datasheet HTML 121Page - Advanced Micro Devices AM79C960 Datasheet HTML 122Page - Advanced Micro Devices AM79C960 Datasheet HTML 123Page - Advanced Micro Devices AM79C960 Datasheet HTML 124Page - Advanced Micro Devices AM79C960 Datasheet HTML 125Page - Advanced Micro Devices AM79C960 Datasheet HTML 126Page - Advanced Micro Devices AM79C960 Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 127 / 127 page
background image
C-1
Am79C960
Alternative Method
for Initialization
APPENDIX C
The PCnet-ISA controller may be initialized by perform-
ing I/O writes only. That is, data can be written directly to
the appropriate control and status registers (CSR)
instead of reading from the Initialization Block in
memory. The registers that must be written are shown in
the table below. These are followed by writing the
START bit in CSR0.
Control and
Status Register
Comment
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0]
CSR13
PADR[31:16]
CSR14
PADR[47:32]
CSR15
Mode
CSR24-25
BADR
CSR30-31
BADX
CSR47
POLLINT
CSR76
RCVRL
CSR78
XMTRL
Note: The INIT bit must not be set or the initialization block
will be accessed instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More