データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C970A データシート(PDF) 172 Page - Advanced Micro Devices

部品番号 AM79C970A
部品情報  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A データシート(HTML) 172 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 168Page - Advanced Micro Devices AM79C970A Datasheet HTML 169Page - Advanced Micro Devices AM79C970A Datasheet HTML 170Page - Advanced Micro Devices AM79C970A Datasheet HTML 171Page - Advanced Micro Devices AM79C970A Datasheet HTML 172Page - Advanced Micro Devices AM79C970A Datasheet HTML 173Page - Advanced Micro Devices AM79C970A Datasheet HTML 174Page - Advanced Micro Devices AM79C970A Datasheet HTML 175Page - Advanced Micro Devices AM79C970A Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 219 page
background image
AMD
P R E L I M I N A R Y
172
Am79C970A
Control and Status Registers (continued)
RAP Addr
Symbol
Default Value
Comments
Use
83
CSR83
uuuu uuuu
Reserved
84
CSR84
uuuu uuuu
DMABA: Address Register Lower
T
85
CSR85
uuuu uuuu
DMABAU: Address Register Upper
T
86
CSR86
uuuu uuuu
DMABC: Buffer Byte Counter
T
87
CSR87
uuuu uuuu
Reserved
88
CSR88
0242 1003
Chip ID Register Lower
T
89
CSR89
uuuu 0262
Chip ID Register Upper
T
90
CSR90
uuuu uuuu
Reserved
91
CSR91
uuuu uuuu
Reserved
92
CSR92
uuuu uuuu
Reserved
93
CSR93
uuuu uuuu
Reserved
94
CSR94
uuuu 0000
XMTTDR: Transmit Time Domain Reflectometry Count
T
95
CSR95
uuuu uuuu
Reserved
96
CSR96
uuuu uuuu
Reserved
97
CSR97
uuuu uuuu
Reserved
98
CSR98
uuuu uuuu
Reserved
99
CSR99
uuuu uuuu
Reserved
100
CSR100
uuuu 0200
Bus Time-Out
S
101
CSR101
uuuu uuuu
Reserved
102
CSR102
uuuu uuuu
Reserved
103
CSR103
uuuu 0105
Reserved
104
CSR104
uuuu uuuu
Reserved
105
CSR105
uuuu uuuu
Reserved
106
CSR106
uuuu uuuu
Reserved
107
CSR107
uuuu uuuu
Reserved
108
CSR108
uuuu uuuu
Reserved
109
CSR109
uuuu uuuu
Reserved
110
CSR110
uuuu uuuu
Reserved
111
CSR111
uuuu uuuu
Reserved
112
CSR112
uuuu 0000
Missed Frame Count
R
113
CSR113
uuuu uuuu
Reserved
114
CSR114
uuuu 0000
Receive Collision Count
R
115
CSR115
uuuu uuuu
Reserved
116
CSR116
uuuu uuuu
Reserved
117
CSR117
uuuu uuuu
Reserved
118
CSR118
uuuu uuuu
Reserved
119
CSR119
uuuu uuuu
Reserved
120
CSR120
uuuu uuuu
Reserved
121
CSR121
uuuu uuuu
Reserved
122
CSR122
uuuu 0000
Receive Frame Alignment Control
S
123
CSR123
uuuu uuuu
Reserved
124
CSR124
uuuu 0000
Test Register 1
125
CSR125
uuuu uuuu
Reserved
126
CSR126
uuuu uuuu
Reserved
127
CSR127
uuuu uuuu
Reserved
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More