| データシートサーチシステム |
|
AM79C975VCW データシート(PDF) 293 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C975VCW データシート(HTML) 293 Page - Advanced Micro Devices |
|
293 / 304 page ![]() Am79C973/Am79C975 293 P R E L I M INARY Figure 91. LAPP 3 Buffer Grouping for Two-interrupt Method Descriptor #1 Descriptor #2 Descriptor #3 Descriptor #4 Descriptor #5 Descriptor #6 Descriptor #7 Descriptor #8 Descriptor #9 OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) OWN = 1 STP = 1 SIZE = HEADER_SIZE (minimum 64 bytes) OWN = 1 STP = 0 SIZE = S1+S2+S3+S4 OWN = 0 STP = 0 SIZE = 1518 - (S1+S2+S3+S4+HEADER_SIZE) A = Expected message size in bytes S1 = Interrupt latency S2 = Application call latency S3 = Time needed for driver to write to third descriptor S4 = Time needed for driver to copy data from buffer #1 to application buffer space S6 = Time needed for driver to copy data from buffer #2 to application buffer space Note that the times needed for tasks S1, S2, S3, S4, and S6 should be divided by 0.8 microseconds to yield an equivalent number of network byte times before subtracting these quantities from the expected message size A. 21510B-B4 |