| データシートサーチシステム |
|
AM8530H データシート(PDF) 137 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530H データシート(HTML) 137 Page - Advanced Micro Devices |
|
137 / 194 page ![]() Register Description AMD 6–27 D7 D6 D5 D4 D3 D2 D1 D0 TC11 TC12 TC13 TC14 TC8 TC9 TC10 TC15 Upper Byte of Time Constant Figure 6–15. Write Register 13 6.2.15 Write Register 14 (Miscellaneous Control Bits) WR14 contains some miscellaneous control bits. Bit positions for WR14 are shown in Fig- ure 6–16. D7 D6 D5 D4 D3 D2 D1 D0 BR Generator Enable BR Generator Source DTR/REQUEST Function Local Loopback Auto Echo 00 00 01 0 1 0 01 10 10 11 1 0 1 0 11 1 Null Command Enter Search Mode Reset Missing Clock Disable DPLL Set Source = BR Generator Set Source = RTxC Set FM Mode Set NRZI Mode DPLL Commands Figure 6–16. Write Register 14 Bits 7 and 5: Digital Phase-Locked Loop Command Bits These three bits encode the eight commands for the Digital Phase-Locked Loop. A chan- nel or hardware reset disables the DPLL, resets the missing clock latches, sets the source to the RTxC pin and selects NRZI mode. The Enter Search Mode command en- ables the DPLL after a reset. Null Command (000). This command has no effect on the DPLL. |