| データシートサーチシステム |
|
AM8530 データシート(PDF) 188 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530 データシート(HTML) 188 Page - Advanced Micro Devices |
|
188 / 194 page ![]() SCC Application Notes AMD 7–39 outportb(aportd, *ptr++); /*output a character to transmit buffer*/ } } /*TRANSMIT LENGTH OF FILE ASYNCHRONOUSLY AT 19.2 kBaud*/ trnum() { unsigned char tmp, temp, tx; unsigned int i, count; for (i=0; i<0x03; i++) /*process the loop until length of file is transmitted*/ { tx = 0; while(tx==0) { temp = 0; temp = inportb(aport);/*load RR0 to check Tx buffer empty bit*/ tx = temp & 0x04; } outportb(aport, *ptr++);/*output a character to transmit buffer*/ } ptr = ptr – 3; } |