| データシートサーチシステム |
|
STM32F103C8 データシート(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8 データシート(HTML) 104 Page - STMicroelectronics |
|
104 / 105 page ![]() Revision history STM32F103x8, STM32F103xB 104/105 DocID13587 Rev 16 14-May-2013 15 Replaced VQFN48 package with UQFN48 in cover page packages, Table 2: STM32F103xx medium-density device features and peripheral counts, Figure 9: STM32F103xx performance line UFQFPN48 pinout, Table 2: STM32F103xx medium-density device features and peripheral counts, Table 55: UFBGA100 - ultra fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch, package mechanical data, Table 60: Ordering information scheme and updated Table 59: Package thermal characteristics Added footnote for TFBGA ADC channels in Table 2: STM32F103xx medium-density device features and peripheral counts Updated ‘All GPIOs are high current...’ in Section 2.3.21: GPIOs (general-purpose inputs/outputs) Updated Table 5: Medium-density STM32F103xx pin definitions Corrected Sigma letter in Section 5.1.1: Minimum and maximum values Removed the first sentence in Section 5.3.16: Communications interfaces Added ‘VIN’ in Table 9: General operating conditions Updated first sentence in Output driving current Added note 5. in Table 24: HSI oscillator characteristics Updated ‘VIL’ and ‘VIH’ in Table 35: I/O static characteristics Added notes to Figure 26: Standard I/O input characteristics - CMOS port, Figure 27: Standard I/O input characteristics - TTL port, Figure 28: 5 V tolerant I/O input characteristics - CMOS port and Figure 29: 5 V tolerant I/O input characteristics - TTL port Updated Figure 32: I2C bus AC waveforms and measurement circuit Updated note 2. and 3.,removed note “the device must internally...” in Table 40: I2C characteristics Updated title of Table 41: SCL frequency (fPCLK1= 36 MHz.,VDD_I2C = 3.3 V) Updated note 2. in Table 49: ADC accuracy Updated Figure 49: UFBGA100 - ultra fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch, package outline and Table 55: UFBGA100 - ultra fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch, package mechanical data Updated Figure 45: LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array package outline and Table 53: LFBGA100 - 10 x 10 mm low profile fine pitch ball grid array package mechanical data Updated Figure 52: TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm pitch, package outline and Table 57: TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm pitch, package mechanical data 05-Aug-2013 16 Updated the reference for ‘VESD(CDM)’ in Table 32: ESD absolute maximum ratings Corrected ‘tf(IO)out’ in Figure 30: I/O AC characteristics definition Updated Table 52: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package mechanical data Table 61. Document revision history (continued) Date Revision Changes |