データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F2680ISPQTP データシート(PDF) 477 Page - Microchip Technology

部品番号 PIC18F2680ISPQTP
部品情報  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPQTP データシート(HTML) 477 Page - Microchip Technology

Back Button PIC18F2680ISPQTP Datasheet HTML 473Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 474Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 475Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 476Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 477Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 478Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 479Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 480Page - Microchip Technology PIC18F2680ISPQTP Datasheet HTML 481Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 475
PIC18F2585/2680/4585/4680
Timer0 and Timer1 External Clock .......................... 437
Transition for Entry to Idle Mode ................................ 38
Transition for Entry to SEC_RUN Mode .................... 35
Transition for Entry to Sleep Mode ............................ 37
Transition for Two-speed Start-up
(INTOSC to HSPLL) ........................................ 354
Transition for Wake from Idle to Run Mode ............... 38
Transition for Wake from Sleep (HSPLL) ................... 37
Transition from RC_RUN Mode to
PRI_RUN Mode ................................................. 36
Transition from SEC_RUN Mode to
PRI_RUN Mode (HSPLL) .................................. 35
Transition to RC_RUN Mode ..................................... 36
Timing Diagrams and Specifications ................................ 433
A/D Conversion Requirements ................................ 450
AC Characteristics
Internal RC Accuracy ....................................... 434
Capture/Compare/PWM Requirements ................... 438
CLKO and I/O Requirements ................................... 435
EUSART Synchronous Receive
Requirements .................................................. 448
EUSART Synchronous Transmission
Requirements .................................................. 448
Example SPI Mode Requirements
Master Mode, CKE = 0 .................................... 440
Master Mode, CKE = 1 .................................... 441
Slave Mode, CKE = 0 ...................................... 442
Slave Mode, CKE = 1 ...................................... 443
External Clock Requirements .................................. 433
High/Low-Voltage Detect Characteristics ................ 430
I2C Bus Data Requirements (Slave Mode) .............. 445
Master SSP I2C Bus Data Requirements ................ 447
Master SSP I2C Bus Start/Stop Bits
Requirements .................................................. 446
Parallel Slave Port Requirements
(PIC18F4585/4680) ......................................... 439
PLL Clock ................................................................. 434
Reset, Watchdog Timer, Oscillator Start-up
Timer, Power-up Timer and Brown-out
Reset Requirements ........................................ 436
Timer0 and Timer1 External Clock
Requirements .................................................. 437
Top-of-Stack Access .......................................................... 62
TRISE Register
PSPMODE Bit ......................................................... 138
TSTFSZ ........................................................................... 401
Two-Speed Start-up ................................................. 343, 354
Two-Word Instructions
Example Cases ......................................................... 66
TXSTA Register
BRGH Bit ................................................................. 231
V
Voltage Reference Specifications .................................... 429
W
Watchdog Timer (WDT) ........................................... 343, 352
Associated Registers ............................................... 353
Control Register ....................................................... 352
During Oscillator Failure .......................................... 355
Programming Considerations .................................. 352
WCOL ...................................................... 215, 216, 217, 220
WCOL Status Flag ................................... 215, 216, 217, 220
WWW Address ................................................................ 476
WWW, On-Line Support ...................................................... 5
X
XORLW ........................................................................... 401
XORWF ........................................................................... 402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More