| データシートサーチシステム |
|
PIC18F4680ISPQTP データシート(PDF) 470 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680ISPQTP データシート(HTML) 470 Page - Microchip Technology |
|
470 / 482 page ![]() PIC18F2585/2680/4585/4680 DS39625C-page 468 Preliminary © 2007 Microchip Technology Inc. Equations A/D Calculating the Minimum Required Acquisition Time ...................................... 252 A/D Acquisition Time ................................................ 252 A/D Minimum Charging Time ................................... 252 Errata ................................................................................... 5 Error Recognition Mode ................................................... 324 EUSART Asynchronous Mode ................................................ 236 Associated Registers, Receive ........................ 239 Associated Registers, Transmit ....................... 237 Auto-Wake-up on Sync Break .......................... 240 Break Character Sequence .............................. 241 Receiver ........................................................... 238 Setting up 9-Bit Mode with Address Detect ........................................ 238 Transmitter ....................................................... 236 Baud Rate Generator (BRG) Associated Registers ....................................... 231 Auto-Baud Rate Detect .................................... 234 Baud Rate Error, Calculating ........................... 231 Baud Rates, Asynchronous Modes .................. 232 High Baud Rate Select (BRGH Bit) .................. 231 Operation in Power Managed Mode ................ 231 Sampling .......................................................... 231 Synchronous Master Mode ...................................... 242 Associated Registers, Receive ........................ 244 Associated Registers, Transmit ....................... 243 Reception ......................................................... 244 Transmission .................................................... 242 Synchronous Slave Mode ........................................ 245 Associated Registers, Receive ........................ 246 Associated Registers, Transmit ............... 245, 271 Reception ......................................................... 246 Transmission .................................................... 245 Extended Instruction Set ADDFSR .................................................................. 404 ADDULNK ................................................................ 404 CALLW ..................................................................... 405 MOVSF .................................................................... 405 MOVSS .................................................................... 406 PUSHL ..................................................................... 406 SUBFSR .................................................................. 407 SUBULNK ................................................................ 407 External Clock Input ........................................................... 24 F Fail-Safe Clock Monitor ............................................ 343, 355 Interrupts in Power Managed Modes ....................... 356 POR or Wake-up from Sleep ................................... 356 WDT During Oscillator Failure ................................. 355 Fast Register Stack ............................................................ 64 Firmware Instructions ....................................................... 361 Flash Program Memory ...................................................... 95 Associated Registers ............................................... 103 Control Registers ....................................................... 96 EECON1 and EECON2 ..................................... 96 TABLAT (Table Latch) Register ......................... 98 TBLPTR (Table Pointer) Register ...................... 98 Erase Sequence ...................................................... 100 Erasing ..................................................................... 100 Operation During Code-Protect ............................... 103 Reading ...................................................................... 99 Table Pointer Boundaries Based on Operation ....................... 98 Table Pointer Boundaries .......................................... 98 Table Reads and Table Writes .................................. 95 Write Sequence ....................................................... 101 Writing To ................................................................ 101 Protection Against Spurious Writes ................. 103 Unexpected Termination ................................. 103 Write Verify ...................................................... 103 FSCM. See Fail-Safe Clock Monitor. G GOTO .............................................................................. 382 H Hardware Multiplier .......................................................... 111 Introduction .............................................................. 111 Operation ................................................................. 111 Performance Comparison ........................................ 111 High/Low-Voltage Detect ................................................. 267 Characteristics ......................................................... 430 Effects of a Reset .................................................... 271 Operation ................................................................. 269 During Sleep .................................................... 271 Start-up Time ................................................... 269 Typical Application ................................................... 270 HLVD. See High/Low-Voltage Detect. I I/O Ports ........................................................................... 129 I2C Mode (MSSP) Acknowledge Sequence Timing .............................. 220 Baud Rate Generator .............................................. 213 Bus Collision During a Repeated Start Condition .................. 224 During a Stop Condition .................................. 225 Clock Arbitration ...................................................... 214 Clock Stretching ....................................................... 206 10-Bit Slave Receive Mode (SEN = 1) ............ 206 10-Bit Slave Transmit Mode ............................ 206 7-Bit Slave Receive Mode (SEN = 1) .............. 206 7-Bit Slave Transmit Mode .............................. 206 Clock Synchronization and the CKP bit (SEN = 1) ......................................................... 207 Effect of a Reset ...................................................... 221 General Call Address Support ................................. 210 I2C Clock Rate w/BRG ............................................. 213 Master Mode ............................................................ 211 Operation ......................................................... 212 Reception ........................................................ 217 Repeated Start Condition Timing .................... 216 Start Condition ................................................. 215 Transmission ................................................... 217 Transmit Sequence ......................................... 212 Multi-Master Communication, Bus Collision and Arbitration ................................................. 221 Multi-Master Mode ................................................... 221 Operation ................................................................. 200 Read/Write Bit Information (R/W Bit) ............... 200, 201 Registers ................................................................. 196 Serial Clock (RC3/SCK/SCL) ................................... 201 Slave Mode .............................................................. 200 Addressing ....................................................... 200 Reception ........................................................ 201 Transmission ................................................... 201 |