| データシートサーチシステム |
|
STM32F205RB データシート(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RB データシート(HTML) 122 Page - STMicroelectronics |
|
122 / 163 page ![]() Electrical characteristics STM32F205xx, STM32F207xx 122/163 Doc ID 15818 Rev 7 Synchronous waveforms and timings Figure 58 through Figure 61 represent synchronous waveforms and Table 72 through Table 74 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: ● BurstAccessMode = FSMC_BurstAccessMode_Enable; ● MemoryType = FSMC_MemoryType_CRAM; ● WriteBurst = FSMC_WriteBurst_Enable; ● CLKDivision = 1; (0 is not supported, see the STM32F20xxx/21xxx reference manual) ● DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM Figure 58. Synchronous multiplexed NOR/PSRAM read timings |