データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F217IG データシート(PDF) 142 Page - STMicroelectronics

部品番号 STM32F217IG
部品情報  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG データシート(HTML) 142 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 138Page - STMicroelectronics STM32F217IG Datasheet HTML 139Page - STMicroelectronics STM32F217IG Datasheet HTML 140Page - STMicroelectronics STM32F217IG Datasheet HTML 141Page - STMicroelectronics STM32F217IG Datasheet HTML 142Page - STMicroelectronics STM32F217IG Datasheet HTML 143Page - STMicroelectronics STM32F217IG Datasheet HTML 144Page - STMicroelectronics STM32F217IG Datasheet HTML 145Page - STMicroelectronics STM32F217IG Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 173 page
background image
Package characteristics
STM32F21xxx
142/173
Doc ID 17050 Rev 8
6
Package characteristics
6.1
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More