データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F2680ISOSQTP データシート(PDF) 474 Page - Microchip Technology

部品番号 PIC18F2680ISOSQTP
部品情報  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISOSQTP データシート(HTML) 474 Page - Microchip Technology

Back Button PIC18F2680ISOSQTP Datasheet HTML 470Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 471Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 472Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 473Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 474Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 475Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 476Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 477Page - Microchip Technology PIC18F2680ISOSQTP Datasheet HTML 478Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 472
Preliminary
© 2007 Microchip Technology Inc.
Example Frequencies/Resolutions .......................... 176
Full-Bridge Application Example .............................. 180
Full-Bridge Mode ...................................................... 179
Half-Bridge Mode ..................................................... 178
Half-Bridge Output Mode Applications
Example ........................................................... 178
Output Configurations .............................................. 176
Output Relationships (Active-High) .......................... 177
Output Relationships (Active-Low) ........................... 177
Period ....................................................................... 175
Programmable Dead-Band Delay ............................ 182
Setup ........................................................................ 185
Start-up Considerations ........................................... 184
TMR2 to PR2 Match ................................................ 175
Q
Q Clock .................................................................... 170, 176
R
RAM.
See Data Memory.
RC Oscillator ...................................................................... 25
RCIO Oscillator Mode ................................................ 25
RC_IDLE Mode .................................................................. 39
RC_RUN Mode .................................................................. 35
RCALL .............................................................................. 391
RCON Register
Bit Status During Initialization .................................... 48
Reader Response ............................................................ 477
Register File ....................................................................... 69
Register File Summary ................................................. 76–86
Registers
ADCON0 (A/D Control 0) ......................................... 247
ADCON1 (A/D Control 1) ......................................... 248
ADCON2 (A/D Control 2) ......................................... 249
BAUDCON (Baud Rate Control) .............................. 230
BIE0 (Buffer Interrupt Enable 0) ............................... 318
BnCON (TX/RX Buffer n Control,
Receive Mode) ................................................. 294
BnCON (TX/RX Buffer n Control,
Transmit Mode) ................................................ 295
BnDLC (TX/RX Buffer n Data Length Code
in Receive Mode) ............................................. 300
BnDLC (TX/RX Buffer n Data Length Code
in Transmit Mode) ............................................ 301
BnDm (TX/RX Buffer n Data Field Byte m
in Receive Mode) ............................................. 299
BnDm (TX/RX Buffer n Data Field Byte m
in Transmit Mode) ............................................ 299
BnEIDH (TX/RX Buffer n Extended Identifier,
High Byte in Receive Mode) ............................ 298
BnEIDH (TX/RX Buffer n Extended Identifier,
High Byte in Transmit Mode) ........................... 298
BnEIDL (TX/RX Buffer n Extended Identifier,
Low Byte in Receive Mode) ............................. 298
BnEIDL (TX/RX Buffer n Extended Identifier,
Low Byte in Transmit Mode) ............................ 299
BnSIDH (TX/RX Buffer n Standard Identifier,
High Byte in Receive Mode) ............................ 296
BnSIDH (TX/RX Buffer n Standard Identifier,
High Byte in Transmit Mode) ........................... 296
BnSIDL (TX/RX Buffer n Standard Identifier,
Low Byte in Receive Mode) ............................. 297
BnSIDL (TX/RX Buffer n Standard Identifier,
Low Byte in Transmit Mode) ............................ 297
BRGCON1 (Baud Rate Control 1) ........................... 311
BRGCON2 (Baud Rate Control 2) ........................... 312
BRGCON3 (Baud Rate Control 3) ........................... 313
BSEL0 (Buffer Select 0) ........................................... 301
CANCON (CAN Control) .......................................... 276
CANSTAT (CAN Status) .......................................... 277
CCP1CON (Capture/Compare/PWM Control) ......... 163
CIOCON (CAN I/O Control) ..................................... 314
CMCON (Comparator Control) ................................ 257
COMSTAT (CAN Communication Status) ............... 281
CONFIG1H (Configuration 1 High) .......................... 344
CONFIG2H (Configuration 2 High) .......................... 346
CONFIG2L (Configuration 2 Low) ........................... 345
CONFIG3H (Configuration 3 High) .......................... 347
CONFIG4L (Configuration 4 Low) ........................... 347
CONFIG5H (Configuration 5 High) .......................... 348
CONFIG5L (Configuration 5 Low) ........................... 348
CONFIG6H (Configuration 6 High) .......................... 349
CONFIG6L (Configuration 6 Low) ........................... 349
CONFIG7H (Configuration 7 High) .......................... 350
CONFIG7L (Configuration 7 Low) ........................... 350
CVRCON (Comparator Voltage
Reference Control) .......................................... 263
Device ID Register 1 ................................................ 351
Device ID Register 2 ................................................ 351
ECANCON (Enhanced CAN Control) ...................... 280
ECCP1AS (ECCP1 Auto-Shutdown Control) .......... 183
ECCP1CON (Enhanced
Capture/Compare/PWM Control) .................... 173
ECCP1DEL (PWM Configuration) ........................... 182
EECON1 (Data EEPROM Control 1) ................. 97, 106
HLVDCON (HLVD Control) ...................................... 267
INTCON (Interrupt Control) ...................................... 115
INTCON2 (Interrupt Control 2) ................................. 116
INTCON3 (Interrupt Control 3) ................................. 117
IPR1 (Peripheral Interrupt Priority 1) ....................... 124
IPR2 (Peripheral Interrupt Priority 2) ....................... 125
IPR3 (Peripheral Interrupt Priority 3) ............... 126, 317
MSEL0 (Mask Select 0) ........................................... 307
MSEL1 (Mask Select 1) ........................................... 308
MSEL2 (Mask Select 2) ........................................... 309
MSEL3 (Mask Select 3) ........................................... 310
OSCCON (Oscillator Control) .................................... 30
OSCTUNE (Oscillator Tuning) ................................... 27
PIE1 (Peripheral Interrupt Enable 1) ........................ 121
PIE2 (Peripheral Interrupt Enable 2) ........................ 122
PIE3 (Peripheral Interrupt Enable 3) ................ 123, 316
PIR1 (Peripheral Interrupt
Request (Flag) 1) ............................................. 118
PIR2 (Peripheral Interrupt
Request (Flag) 2) ............................................. 119
PIR3 (Peripheral Interrupt
Request (Flag) 3) ..................................... 120, 315
RCON (Reset Control) ....................................... 42, 127
RCSTA (Receive Status and Control) ..................... 229
RXB0CON (Receive Buffer 0 Control) ..................... 287
RXB1CON (Receive Buffer 1 Control) ..................... 289
RXBnDLC (Receive Buffer n
Data Length Code) .......................................... 292
RXBnDm (Receive Buffer n
Data Field Byte m) ........................................... 292
RXBnEIDH (Receive Buffer n Extended
Identifier, High Byte) ........................................ 291
RXBnEIDL (Receive Buffer n Extended
Identifier, Low Byte) ......................................... 291
RXBnSIDH (Receive Buffer n Standard
Identifier, High Byte) ........................................ 290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More