データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSC-736A データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 SSC-736A
部品情報  S O L D E R I N G , D E S O L D E R I N G A N D R E W O R K S Y S T E M S
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SSC-736A データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSC-736A Datasheet HTML 6Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 7Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 8Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 9Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 10Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 11Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 12Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 13Page - List of Unclassifed Manufacturers SSC-736A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
page
09
MX Tips
page
08
MX Tips
OTHER STAND ARD TIP C ARTRIDGES
500 SERIES X =5
600 SERIES X =0
700 SERIES X =1
800 SERIES X =8, WHEN FOLL OWED BY AN *
PTTB -501
Bonding Tip
PTTB -504
Bonding Tip
PTTB -502
Bonding Tip
PTTB -503
Bonding Tip
PTTB BONDING TIP C ARTRIDGES
OTHER STAND ARD TIP C ARTRIDGES
SRT C ROBOTIC TIP C ARTRIDGES
For use with robotic applications and MX-RM5E or MX-RM8E handles only. Similar to STTC tip car tridges,
however, STR C Robotic Tip Car tridges have a shaf t length of 3.15” (80mm) and, therefore, are not
compatible with the MX-RM3E handle.
For use in low temperature plastic bonding applications, these aluminum tips can be used with all
available MX handles.
.45"
.19"
.08"
4.83mm
2.0mm
.03"
.76mm
11.43mm
.07"
.45"
.19"
.09"
2.3mm
4.8mm
1.8mm
11.43mm
.19"
.45"
.08"
2.0mm
4.8mm
11.43mm
.50"
.33"
.25"
.08"
8.4mm
6.4mm
2.0mm
12.7mm
SRT C - X 13
Chisel 90º
.12” (3.0mm)
SRT C - X 37
Chisel 30º
.07” (1.78mm)
SRT C - X 17 *
Extra L arge Chisel
.20” (5.0mm)
SRT C - X 36
Chisel 30º
.10” (2.5mm)
.19"
.12"
3.0mm
4.8mm
.30"
.20"
5.0mm
7.6mm
.10"
.39"
9.9mm
2.5mm
.39"
.07"
9.9mm
1.78mm
SRT C -X 38
Chisel 30º
.06” (1.5mm)
SRT C - X 25
Chisel 30º
.04” (1.0mm)
.36"
.04"
1.0mm
9.1mm
.06"
.39"
1.5mm
9.9mm
600 SERIES X =0
700 SERIES X =7
800 SERIES X =8, WHEN FOLL OWED BY AN *
STT C -X 17 *
Extra L a rge Chisel
.20” (5.0mm)
STT C -X 65
La rge Chisel
.20” (5.0mm)
STT C -X 20
Long Reach
Chisel 12°
.15” (3.8mm)
STT C -X 03 *
Chisel 90°
.12” (3.0mm)
STT C -X 13
Chisel 90º
.12” (3.0mm)
STT C -X 33
Chisel 90°
.10” (2.5mm)
STT C -X 04
Chisel 90°
.07” (1.78mm)
STT C -X 42
Long Reach Chisel 60°
.07” (1.78mm)
STT C -X 98
Chisel Bent 30º
.07” (1.78mm)
STT C -X 99
Chisel Bent 30°
.06” (1.5mm)
STT C -X 41
Chisel 30°
.05” (1.3mm)
STT C -X 83
Conical Grooved
.08” (2.0mm)
STT C -X 32
Conical Sharp
.07” (1.78mm)
.30"
.20"
5.0mm
7.6mm
.45"
.20"
5.0mm
11.4mm
.15"
.85"
3.8mm
21.6mm
.34"
.12"
8.6mm
3.0mm
.19"
.12"
3.0mm
4.8mm
.39"
.10"
2.5mm
9.9mm
.43"
.07"
10.9mm
1.78mm
.07"
.63"
1.78mm
16.0mm
.39"
.07"
1.78mm
9.9mm
.47"
.06"
1.5mm
11.9mm
21.8mm
.05"
.86"
1.3mm
.08"
.70"
17.8mm
2.0mm
1.78mm
.39"
.07"
9.9mm
STT C -X 02
Conical Sharp
.07” (1.78mm)
STT C -X 01
Conical Sharp
.04” (1.0mm)
STT C -X 31
Conical Sharp
.04” (1.0mm)
STT C -X 43
Conical Sharp
.02” (0.5mm)
STT C -X 12
Conical
.08” (2.03mm)
STT C -X 11
Conical
.02” (0.5mm)
STT C -X 16
Conical
.02” (0.5mm)
STT C -X 44
Sharp Bent 30º
.02” (0.5mm)
STT C -X 26
Sharp Bent 30°
.016” (0.4mm)
STT C -X 14
Bevel 45º
.08” (2.03mm)
STT C -X 35
Bevel
30°
.07” (1.78mm)
STT C -X 47
Bevel 60°
.07” (1.78mm)
STT C -X 05
Bevel 30°
.07” (1.78mm)
.48"
.07"
12.2mm
1.78mm
.04"
.53"
13.5mm
1.0mm
.39"
.04"
1.0mm
9.9mm
.02"
.60"
0.5mm
15.2mm
.08"
.17"
4.3mm
2.03mm
.18"
0.5mm
.02"
4.6mm
.02"
.19"
0.5mm
4.8mm
.57"
.02"
14.5mm
0.5mm
.016"
7.9mm
.31"
0.4mm
.19"
.08"
4.7mm
2.03mm
.07"
9.9mm
30
°
.39"
1.78mm
.07"
14.2mm
60
°
1.78mm
.56"
.46"
.07"
30
°
1.78mm
11.7mm
STT C -X 15
Bevel 30°
.05” (1.3mm)
STT C -X 24
Bevel 30°
.04” (1.0mm)
STT C -X 97
Groved Semi-Rigid
Coax
STT C -X 46
Long Reach
Bevel 60º
.04” (1.0mm)
STT C -X 70
Heat Staking
.19” (4.8mm)
.17"
.05"
30
°
1.3mm
4.3mm
9.1mm
.04"
30
°
.36"
1.0mm
.04"
.56"
.02"
60
°
1.0mm
.51mm
14.2mm
.14"
.19"
.21" 5.3mm
4.8mm
3.6mm
.02"
.19"
0.5mm
4.8mm
MX 500
22/11/01
2:26 pm
Page 16


同様の部品番号 - SSC-736A

メーカー部品番号データシート部品情報
logo
Eravant
SSC-7337331202-1212-B1 ERAVANT-SSC-7337331202-1212-B1 Datasheet
384Kb / 3P
E-Band Eight Channel FMCW Transceiver, 70 to 75 GHz
Rev. 1.0
More results

同様の説明 - SSC-736A

メーカー部品番号データシート部品情報
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
Powerbox
PBB6A POWERBOX-PBB6A Datasheet
417Kb / 3P
C O S E L S I N G L E / D U A L D C / D C C O N V E R T E R
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
logo
Insel Rectifier India P...
DS7000SK IRI-DS7000SK Datasheet
1Mb / 4P
S T A N D A R D R E C O V E R Y D I O D E
logo
E-Tech Electronics LTD
GE13007 ETL-GE13007 Datasheet
308Kb / 3P
N P N S I L I CO N T R I P L E D I F F U S E D M E S A T Y P E T R A N S I S T O R
logo
Molex Electronics Ltd.
987650-4473 MOLEX-987650-4473 Datasheet
3Mb / 6P
W o r k i n g T o g e t h e r F o r A S af e r W o r k p l a c e
2010
logo
Powerbox
PSC04 POWERBOX-PSC04 Datasheet
165Kb / 2P
T E L E C O M R E C T I F I E R S Y S T E M S
logo
E-Tech Electronics LTD
GPNE555 ETL-GPNE555 Datasheet
503Kb / 5P
S I N G L E T I M E R
GT2123 ETL-GT2123 Datasheet
478Kb / 8P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GT2133 ETL-GT2133 Datasheet
452Kb / 7P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com