| データシートサーチシステム |
|
DSPIC33FJ64GP708 データシート(PDF) 234 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP708 データシート(HTML) 234 Page - Microchip Technology |
|
234 / 322 page ![]() dsPIC33FJXXXGPX06/X08/X10 DS70286C-page 232 © 2009 Microchip Technology Inc. REGISTER 21-4: ADxCON4: ADCx CONTROL REGISTER 4 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 R/W-0 R/W-0 R/W-0 — — — — — DMABL<2:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-3 Unimplemented: Read as ‘0’ bit 2-0 DMABL<2:0>: Selects Number of DMA Buffer Locations per Analog Input bits 111 = Allocates 128 words of buffer to each analog input 110 = Allocates 64 words of buffer to each analog input 101 = Allocates 32 words of buffer to each analog input 100 = Allocates 16 words of buffer to each analog input 011 = Allocates 8 words of buffer to each analog input 010 = Allocates 4 words of buffer to each analog input 001 = Allocates 2 words of buffer to each analog input 000 = Allocates 1 word of buffer to each analog input |