データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ64GP708 データシート(PDF) 251 Page - Microchip Technology

部品番号 DSPIC33FJ64GP708
部品情報  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 データシート(HTML) 251 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 247Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 248Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 249Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 250Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 251Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 252Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 253Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 254Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 249
dsPIC33FJXXXGPX06/X08/X10
10
BTSC
BTSC
f,#bit4
Bit Test f, Skip if Clear
1
1
(2 or 3)
None
BTSC
Ws,#bit4
Bit Test Ws, Skip if Clear
1
1
(2 or 3)
None
11
BTSS
BTSS
f,#bit4
Bit Test f, Skip if Set
1
1
(2 or 3)
None
BTSS
Ws,#bit4
Bit Test Ws, Skip if Set
1
1
(2 or 3)
None
12
BTST
BTST
f,#bit4
Bit Test f
1
1
Z
BTST.C
Ws,#bit4
Bit Test Ws to C
1
1
C
BTST.Z
Ws,#bit4
Bit Test Ws to Z
1
1
Z
BTST.C
Ws,Wb
Bit Test Ws<Wb> to C
1
1
C
BTST.Z
Ws,Wb
Bit Test Ws<Wb> to Z
1
1
Z
13
BTSTS
BTSTS
f,#bit4
Bit Test then Set f
1
1
Z
BTSTS.C
Ws,#bit4
Bit Test Ws to C, then Set
1
1
C
BTSTS.Z
Ws,#bit4
Bit Test Ws to Z, then Set
1
1
Z
14
CALL
CALL
lit23
Call subroutine
2
2
None
CALL
Wn
Call indirect subroutine
1
2
None
15
CLR
CLR
f
f = 0x0000
1
1
None
CLR
WREG
WREG = 0x0000
1
1
None
CLR
Ws
Ws = 0x0000
1
1
None
CLR
Acc,Wx,Wxd,Wy,Wyd,AWB
Clear Accumulator
1
1
OA,OB,SA,SB
16
CLRWDT
CLRWDT
Clear Watchdog Timer
1
1
WDTO,Sleep
17
COM
COM
f
f = f
11
N,Z
COM
f,WREG
WREG = f
11
N,Z
COM
Ws,Wd
Wd = Ws
11
N,Z
18
CP
CP
f
Compare f with WREG
1
1
C,DC,N,OV,Z
CP
Wb,#lit5
Compare Wb with lit5
1
1
C,DC,N,OV,Z
CP
Wb,Ws
Compare Wb with Ws (Wb – Ws)
1
1
C,DC,N,OV,Z
19
CP0
CP0
f
Compare f with 0x0000
1
1
C,DC,N,OV,Z
CP0
Ws
Compare Ws with 0x0000
1
1
C,DC,N,OV,Z
20
CPB
CPB
f
Compare f with WREG, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,#lit5
Compare Wb with lit5, with Borrow
1
1
C,DC,N,OV,Z
CPB
Wb,Ws
Compare Wb with Ws, with Borrow
(Wb – Ws – C)
1
1
C,DC,N,OV,Z
21
CPSEQ
CPSEQ
Wb, Wn
Compare Wb with Wn, skip if =
1
1
(2 or 3)
None
22
CPSGT
CPSGT
Wb, Wn
Compare Wb with Wn, skip if >
1
1
(2 or 3)
None
23
CPSLT
CPSLT
Wb, Wn
Compare Wb with Wn, skip if <
1
1
(2 or 3)
None
24
CPSNE
CPSNE
Wb, Wn
Compare Wb with Wn, skip if
≠
11
(2 or 3)
None
25
DAW
DAW
Wn
Wn = decimal adjust Wn
1
1
C
26
DEC
DEC
f
f = f – 1
1
1
C,DC,N,OV,Z
DEC
f,WREG
WREG = f – 1
1
1
C,DC,N,OV,Z
DEC
Ws,Wd
Wd = Ws – 1
1
1
C,DC,N,OV,Z
27
DEC2
DEC2
f
f = f – 2
1
1
C,DC,N,OV,Z
DEC2
f,WREG
WREG = f – 2
1
1
C,DC,N,OV,Z
DEC2
Ws,Wd
Wd = Ws – 2
1
1
C,DC,N,OV,Z
28
DISI
DISI
#lit14
Disable Interrupts for k instruction cycles
1
1
None
TABLE 23-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Base
Instr
#
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More