| データシートサーチシステム |
|
DSPIC33FJ64GP710 データシート(PDF) 194 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP710 データシート(HTML) 194 Page - Microchip Technology |
|
194 / 322 page ![]() dsPIC33FJXXXGPX06/X08/X10 DS70286C-page 192 © 2009 Microchip Technology Inc. FIGURE 19-1: ECAN™ MODULE BLOCK DIAGRAM Message Assembly CAN Protocol Engine CiTX(1) Buffer CiRX(1) RXF14 Filter RXF13 Filter RXF12 Filter RXF11 Filter RXF10 Filter RXF9 Filter RXF8 Filter RXF7 Filter RXF6 Filter RXF5 Filter RXF4 Filter RXF3 Filter RXF2 Filter RXF1 Filter RXF0 Filter Transmit Byte Sequencer RXM1 Mask RXM0 Mask Control Configuration Logic CPU Bus Interrupts TRB0 TX/RX Buffer Control Register DMA Controller RXF15 Filter RXM2 Mask TRB7 TX/RX Buffer Control Register TRB6 TX/RX Buffer Control Register TRB5 TX/RX Buffer Control Register TRB4 TX/RX Buffer Control Register TRB3 TX/RX Buffer Control Register TRB2 TX/RX Buffer Control Register TRB1 TX/RX Buffer Control Register Note 1: i = 1 or 2 refers to a particular ECAN™ module (ECAN1 or ECAN2). |