データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F882-I データシート(PDF) 149 Page - Microchip Technology

部品番号 PIC16F882-I
部品情報  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882-I データシート(HTML) 149 Page - Microchip Technology

Back Button PIC16F882-I Datasheet HTML 145Page - Microchip Technology PIC16F882-I Datasheet HTML 146Page - Microchip Technology PIC16F882-I Datasheet HTML 147Page - Microchip Technology PIC16F882-I Datasheet HTML 148Page - Microchip Technology PIC16F882-I Datasheet HTML 149Page - Microchip Technology PIC16F882-I Datasheet HTML 150Page - Microchip Technology PIC16F882-I Datasheet HTML 151Page - Microchip Technology PIC16F882-I Datasheet HTML 152Page - Microchip Technology PIC16F882-I Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 147
PIC16F882/883/884/886/887
FIGURE 11-19:
SIMPLIFIED STEERING
BLOCK DIAGRAM
1
0
TRIS
P1A pin
PORT Data
P1A Signal
STRA
1
0
TRIS
P1B pin
PORT Data
STRB
1
0
TRIS
P1C pin
PORT Data
STRC
1
0
TRIS
P1D pin
PORT Data
STRD
Note 1:
Port outputs are configured as shown when
the CCP1CON register bits P1M<1:0> = 00
and CCP1M<3:2> = 11.
2:
Single PWM output requires setting at least
one of the STRx bits.
CCP1M1
CCP1M0
CCP1M1
CCP1M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More