| データシートサーチシステム |
|
64GA106 データシート(PDF) 290 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA106 データシート(HTML) 290 Page - Microchip Technology |
|
290 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 290 2010 Microchip Technology Inc. FIGURE 28-10: INPUT CAPTURE TIMINGS TABLE 28-23: INPUT CAPTURE Param. No. Symbol Characteristic Min Max Units Conditions IC10 TccL ICx Input Low Time – Synchronous Timer No Prescaler TCY + 20 — ns Must also meet parameter IC15 With Prescaler 20 — ns IC11 TccH ICx Input Low Time – Synchronous Timer No Prescaler TCY + 20 — ns Must also meet parameter IC15 With Prescaler 20 — ns IC15 TccP ICx Input Period – Synchronous Timer 2 * TCY + 40 N —ns N = prescale value (1, 4, 16) ICx pin (Input Capture Mode) IC10 IC11 IC15 |