| データシートサーチシステム |
|
64GA106 データシート(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA106 データシート(HTML) 154 Page - Microchip Technology |
|
154 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 154 2010 Microchip Technology Inc. REGISTER 10-38: ALTRP: ALTERNATE PERIPHERAL PIN MAPPING REGISTER U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0 — — — — — — —SCK1CM bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-1 Unimplemented: Read as ‘0’ bit 0 SCK1CM: SCK1 Output Mapping Select bit 1 = SCK1 output function is mapped to ASCK1 pin only 0 = SCK1 output function is mapped according to RPORn registers |