| データシートサーチシステム |
|
IO96NDB2V1 データシート(PDF) 143 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO96NDB2V1 データシート(HTML) 143 Page - Microsemi Corporation |
|
143 / 242 page ![]() ProASIC3L Low Power Flash FPGAs Revision 13 2-127 Global Resource Characteristics A3P250L Clock Tree Topology Clock delays are device-specific. Figure 2-39 is an example of a global tree used for clock routing. The global tree presented in Figure 2-39 is driven by a CCC located on the west side of the A3P250L device. It is used to drive all D-flip-flops in the device. Figure 2-39 • Example of Global Tree Use in an A3P250L Device for Clock Routing Central Global Rib VersaTile Rows Global Spine CCC |