| データシートサーチシステム |
|
1403000000 データシート(PDF) 127 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
1403000000 データシート(HTML) 127 Page - List of Unclassifed Manufacturers |
|
127 / 164 page ![]() For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 125 3 - 6.5 4 - 8 5 - 10 6 - 12 10 - 14 13 - 18 Polyamide Cable Glands Characteristics Ingress Protection Temperature Range Integrated strain relief, large sealing and terminal section, easy to assemble IP 68 -4°F to + 212°F Characteristics Ingress Protection Temperature Range Integrated strain relief, anti-kink protection, large sealing and terminal sec- tion, easy to assemble IP 68 -4°F to +212° F Characteristics Ingress Protection Temperature Range With clamping cage for strain relief IP 65 -22°F to +212°F BF 7 BF 9 BF 11 BF 13 BF 16 BF 21 BF 29 BF 36 MBF 12 MBF 16 MBF 20 MBF 25 MBF 32 MBF 40 3 - 6.5 4 - 8 5 - 10 6 - 12 10 14 13 - 18 18 - 25 22 - 32 3 - 6 5 - 10 8 - 13 11 - 17 15 - 21 19 - 28 PG 7 PG 9 PG 11 PG 13.5 PG 16 PG 21 PG 29 PG 36 M 12 x 1.5 M 16 x 1.5 M 20 x 1.5 M 25 x 1.5 M 32 x 1.5 M 40 x 1.5 10000100 00 10000200 00 10000300 00 10000400 00 10000500 00 10000600 00 10000700 00 10000800 00 12002100 00 12002200 00 12002300 00 12002400 00 12002500 00 12002600 00 Model Cable Ø Connection Thread Part Number PG BF/MBF Cable Glands Metric BFK 7 BFK 9 BFK 11 BFK 13 BFK 16 BFK 21 MBFK 12 MBFK 16 MBFK 20-1 MBFK 20-2 MBFK 25 3 - 6.5 5 - 10 6 - 12 10 - 14 13 - 18 M 12 x 1.5 M 16 x 1.5 M 20 x 1.5 M 20 x 1.5 M 25 x 1.5 10001100 00 10001200 00 10001300 00 10001400 00 10001500 00 10001600 00 12002103 00 12002210 00 12002303 00 12002306 00 12002401 00 Model Cable Ø Connection Thread Part Number PG, with anti-kink protection BFK/MBFK Cable Glands Metric, with anti-kink protection POZ 7 POZ 9 POZ 11 POZ 13 POZ 16 POZ 21 POZ 29 MPOZ 12-1 MPOZ 12-2 MPOZ 16 MPOZ 20-1 MPOZ 20-2 MPOZ 20-3 MPOZ 25-2 MPOZ 32 4 - 6 6 - 8 8 - 10 10 -12 12 - 14 14 - 18 18 - 24 4 - 6 6 - 8 6 - 8 8 - 10 10 -12 12 - 14 14 - 18 18 - 24 PG 7 PG 9 PG 11 PG 13 PG 16 PG 21 PG 29 12051809 00 12051909 00 12052009 00 12052109 00 12052209 00 12052309 00 12052409 00 12151800 00 12151900 00 12152000 00 12152100 00 12152200 00 12152300 00 12152400 00 12152500 00 M 12 x 1.5 M 12 x 1.5 M 16 x 1.5 M 20 x 1.5 M 20 x 1.5 M 20 x 1.5 M 25 x 1.5 M 32 x 1.5 Model Cable Ø Connection Thread Part Number PG POZ/MPOZ Cable Glands Metric PG 7 PG 9 PG 11 PG 13.5 PG 16 PG 21 |