データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT-1620-TWT-12V-R データシート(PDF) 1 Page - Projects Unlimited, Inc.

部品番号 AT-1620-TWT-12V-R
部品情報  RELEASED FROM ENGINEERING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PUI [Projects Unlimited, Inc.]
ホームページ  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AT-1620-TWT-12V-R データシート(HTML) 1 Page - Projects Unlimited, Inc.

  AT-1620-TWT-12V-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1620-TWT-12V-R
R.A.C.
R.W.
4/17/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/13/2004
Date
Date
8/13/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AT-1620-TWT-12V-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
12/31/2007
A
ADDED DIMENSIONS
8/27/2004
R.W.
B
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
C
REVISED TERMINAL MATERIAL
3/21/2006
D
REVISED TERMINAL LENGTH
4/17/2008
B.R.
E
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/17/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
12
Vp-p
OPERATING VOLTAGE RANGE
9 ~ 15
Vp-p
RATED CURRENT (MAX)
40
mA
COIL RESISTANCE
115 ± 12
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,048 ± 500
Hz
OPERATING TEMPERATURE
-20 ~ +70
°C
STORAGE TEMPERATURE
-30 ~ +80
°C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED COPPER
-
WEIGHT
5
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
3.2 SOUND
EMISSION HOLE
16
0.2
14
0.2
0.5
7
0.7
0.05 (2)
7.6
0.2
REMOVABLE
WASH TAB
EPOXY
POTTING
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.


同様の部品番号 - AT-1620-TWT-12V-R

メーカー部品番号データシート部品情報
logo
PUI audio inc.
AT-1620-TWT-12V-R PUIAUDIO-AT-1620-TWT-12V-R Datasheet
259Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

同様の説明 - AT-1620-TWT-12V-R

メーカー部品番号データシート部品情報
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com