データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HBC114YS5 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 HBC114YS5
部品情報  Dual NPN Digital Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBC114YS5 データシート(HTML) 6 Page - Cystech Electonics Corp.

  HBC114YS5 Datasheet HTML 1Page - Cystech Electonics Corp. HBC114YS5 Datasheet HTML 2Page - Cystech Electonics Corp. HBC114YS5 Datasheet HTML 3Page - Cystech Electonics Corp. HBC114YS5 Datasheet HTML 4Page - Cystech Electonics Corp. HBC114YS5 Datasheet HTML 5Page - Cystech Electonics Corp. HBC114YS5 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C355S5
Issued Date : 2011.11.16
Revised Date :
Page No. : 6/6
HBC114YS5
CYStek Product Specification
SOT-353 Dimension
*:Typical
Millimeters
Marking:
5-Lead SOT-353 Plastic
Surface Mounted Package
CYStek Package Code: S5
Style:
Pin 1. Base1 (B1)
Pin 2. Emitter1 (E1)/Emitter 2(E2)
Pin 3. Base2 (B2)
Pin 4. Collector2 (C2)
Pin 5. Collector1 (C1)
G5
Device Code
Date Code
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.100
0.035
0.043
E1
2.150
2.450
0.085
0.096
A1
0.000
0.100
0.000
0.004
e
0.650*
0.026*
A2
0.900
1.000
0.035
0.039
e1
1.200
1.400
0.047
0.055
b
0.150
0.350
0.006
0.014
L
0.525 REF
0.021 REF
c
0.080
0.150
0.003
0.006
L1
0.260
0.460
0.010
0.018
D
2.000
2.200
0.079
0.087
θ
E
1.150
1.350
0.045
0.053
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


同様の部品番号 - HBC114YS5

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
HBC114YS6R CYSTEKEC-HBC114YS6R Datasheet
182Kb / 4P
Dual NPN Digital Transistors
More results

同様の説明 - HBC114YS5

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
dual digital transistors ( NPN NPN)
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
dual digital transistors (NPN NPN)
logo
Jiangsu Changjiang Elec...
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
Dual Digital Transistors (NPNNPN)
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
Dual Digital Transistors (NPNNPN)
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
Dual Digital Transistors (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com